Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM6154BCM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM6154BCM
Descripción Electrónicos  LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM6154BCM Datasheet(HTML) 1 Page - Texas Instruments

  LM6154BCM Datasheet HTML 1Page - Texas Instruments LM6154BCM Datasheet HTML 2Page - Texas Instruments LM6154BCM Datasheet HTML 3Page - Texas Instruments LM6154BCM Datasheet HTML 4Page - Texas Instruments LM6154BCM Datasheet HTML 5Page - Texas Instruments LM6154BCM Datasheet HTML 6Page - Texas Instruments LM6154BCM Datasheet HTML 7Page - Texas Instruments LM6154BCM Datasheet HTML 8Page - Texas Instruments LM6154BCM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM6152, LM6154
SNOS752E – MAY 1999 – REVISED SEPTEMBER 2014
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
1 Features
3 Description
Using
patented
circuit
topologies,
the
1
At VS = 5V, typical unless noted.
LM6152/LM6154 provides new levels of speed vs.
Greater than Rail-to-rail Input CMVR
−0.2 5V to
power performance in applications where low voltage
5.25 V
supplies
or
power
limitations
previously
made
Rail-to-rail Output Swing 0.01 V to 4.99 V
compromise necessary. With only 1.4 mA/amplifier
supply current, the 75 MHz gain bandwidth of this
Wide Gain-bandwidth 75 MHz @ 100 kHz
device supports new portable applications where
Slew Rate
higher power devices unacceptably drain battery life.
Small Signal 5 V/µs
The
slew
rate
of
the
devices
increases
with
increasing input differential voltage, thus allowing the
Large Signal 45 V/µs
device to handle capacitive loads while maintaining
Low Supply Current 1.4 mA/amplifier
large signal amplitude.
Wide Supply Range 2.7 V to 24 V
The LM6152/LM6154 can be driven by voltages that
Fast Settling Time of 1.1 µs for 2 V Step (to
exceed both power supply rails, thus eliminating
0.01%)
concerns about exceeding the common-mode voltage
PSRR 91 dB
range. The rail-to-rail output swing capability provides
the maximum possible dynamic range at the output.
CMRR 84 dB
This is particularly important when operating on low
supply voltages.
2 Applications
Operating on supplies from 2.7 V to over 24 V, the
Portable High Speed Instrumentation
LM6152/LM6154 is excellent for a very wide range of
Signal Conditioning Amplifier/ADC Buffers
applications, from battery operated systems with
Barcode Scanners
large
bandwidth
requirements
to
high
speed
instrumentation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM6152
SOIC (8)
4.902 mm × 3.912 mm
LM6154
SOIC (14)
8.636 mm × 3.912 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Offset Voltage vs. Supply voltage
Supply Current vs. Supply Voltage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM6154BCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6154BCM NSC-LM6154BCM Datasheet
354Kb / 11P
   Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
LM6154BCMX NSC-LM6154BCMX Datasheet
354Kb / 11P
   Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
More results

Descripción similar - LM6154BCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6152 NSC-LM6152 Datasheet
354Kb / 11P
   Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6132 TI1-LM6132 Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6134 NSC-LM6134_14 Datasheet
1Mb / 24P
   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com