Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM6211MF/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM6211MF/NOPB
Descripción Electrónicos  LM6211 Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM6211MF/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM6211MF/NOPB Datasheet HTML 1Page - Texas Instruments LM6211MF/NOPB Datasheet HTML 2Page - Texas Instruments LM6211MF/NOPB Datasheet HTML 3Page - Texas Instruments LM6211MF/NOPB Datasheet HTML 4Page - Texas Instruments LM6211MF/NOPB Datasheet HTML 5Page - Texas Instruments LM6211MF/NOPB Datasheet HTML 6Page - Texas Instruments LM6211MF/NOPB Datasheet HTML 7Page - Texas Instruments LM6211MF/NOPB Datasheet HTML 8Page - Texas Instruments LM6211MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
VCM (V)
-2
-1.5
-1
-0.5
0
0.5
1
-40°C
25°C
VS = 5V
0
0.5
1
1.5
2
2.5
3
3.5
4
-2.5
2.5
VCM (V)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VS = 5V
125°C
0
0.5
1
1.5
2
2.5
3
3.5
-1
-0.6
-0.2
0
0.4
0.6
1
VCM (V)
0.8
0.2
-0.4
-0.8
125°C
-40°C
25°C
VS = 5V
0
2
4
6
16 18 20 22
VCM (V)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
8 10 12 14
VS = 24V
-40°C
25°C
125°C
5
7
9
11 13 15 17 19 21 23
0.5
0.6
0.8
1
1.1
1.2
1.4
VS (V)
1.3
0.9
0.7
125°C
25°C
-40°C
25
5
7
9
11 13 15 17 19 21 23
-0.6
-0.4
-0.2
0.2
0.4
0.8
VS (V)
0.6
0
125°C
25°C
-40°C
25
LM6211
www.ti.com
SNOSAH2C – FEBRUARY 2006 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, TA = 25°C, VS = 24V, V
+ = V
S, V
= 0 V, V
CM = VS/2.
Supply Current
VOS
vs.
vs.
Supply Voltage
Supply Voltage
Figure 2.
Figure 3.
VOS
VOS
vs.
vs.
VCM
VCM
Figure 4.
Figure 5.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 6.
Figure 7.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM6211


Número de pieza similar - LM6211MF/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6211MF NSC-LM6211MF Datasheet
1Mb / 19P
   Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LM6211MFX NSC-LM6211MFX Datasheet
1Mb / 19P
   Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
More results

Descripción similar - LM6211MF/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM6211 NSC-LM6211 Datasheet
1Mb / 19P
   Low Noise, RRO Operational Amplifier with CMOS Input and 24V Operation
LMV716 NSC-LMV716 Datasheet
949Kb / 15P
   5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
logo
Texas Instruments
SM73303 TI1-SM73303 Datasheet
460Kb / 18P
[Old version datasheet]   5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
LMV716 TI1-LMV716 Datasheet
1Mb / 25P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
LMV716 TI-LMV716_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMV716 5 MHz, Low Noise, RRO, Dual Operational Amplifier with CMOS Input
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com