Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVTH182646APMG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza 74LVTH182646APMG4
Descripción Electrónicos  3.3-V ABT SCAN TEST DEVICES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74LVTH182646APMG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 74LVTH182646APMG4 Datasheet HTML 7Page - Texas Instruments 74LVTH182646APMG4 Datasheet HTML 8Page - Texas Instruments 74LVTH182646APMG4 Datasheet HTML 9Page - Texas Instruments 74LVTH182646APMG4 Datasheet HTML 10Page - Texas Instruments 74LVTH182646APMG4 Datasheet HTML 11Page - Texas Instruments 74LVTH182646APMG4 Datasheet HTML 12Page - Texas Instruments 74LVTH182646APMG4 Datasheet HTML 13Page - Texas Instruments 74LVTH182646APMG4 Datasheet HTML 14Page - Texas Instruments 74LVTH182646APMG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
SN54LVTH18646A, SN54LVTH182646A, SN74LVTH18646A, SN74LVTH182646A
3.3-V ABT SCAN TEST DEVICES
WITH 18-BIT TRANSCEIVERS AND REGISTERS
SCBS311D – MARCH 1994 – REVISED JUNE 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 52 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin, one BSC for each normal-function I/O pin (one single cell for both input data and
output data), and one BSC for each of the internally decoded output-enable signals (1OEA, 2OEA, 1OEB,
2OEB). The BSR is used 1) to store test data that is to be applied externally to the device output pins, and/or
2) to capture data that appears internally at the outputs of the normal on-chip logic and/or externally at the device
input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle, as determined by the current instruction. At power up
or in Test-Logic-Reset, BSCs 51–48 are reset to logic 0, ensuring that these cells, which control A-port and
B-port outputs, are set to benign values (i.e., if test mode were invoked the outputs would be at high-impedance
state). Reset values of other BSCs should be considered indeterminate.
When external data is to be captured, the BSCs for signals 1OEA, 2OEA, 1OEB, and 2OEB capture logic values
determined by the following positive-logic equations:
1OEA
+ 1OE • 1DIR,2OEA + 2OE • 2DIR,1OEB + 1OE • DIR, 2OEB + 2OE • DIR
When data is to be applied externally, these BSCs control the drive state (active or high impedance) of their
respective outputs.
The BSR order of scan is from TDI through bits 51–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
51
2OEB
35
2A9-I/O
17
2B9-I/O
50
1OEB
34
2A8-I/O
16
2B8-I/O
49
2OEA
33
2A7-I/O
15
2B7-I/O
48
1OEA
32
2A6-I/O
14
2B6-I/O
47
2DIR
31
2A5-I/O
13
2B5-I/O
46
1DIR
30
2A4-I/O
12
2B4-I/O
45
2OE
29
2A3-I/O
11
2B3-I/O
44
1OE
28
2A2-I/O
10
2B2-I/O
43
2CLKAB
27
2A1-I/O
9
2B1-I/O
42
1CLKAB
26
1A9-I/O
8
1B9-I/O
41
2CLKBA
25
1A8-I/O
7
1B8-I/O
40
1CLKBA
24
1A7-I/O
6
1B7-I/O
39
2SAB
23
1A6-I/O
5
1B6-I/O
38
1SAB
22
1A5-I/O
4
1B5-I/O
37
2SBA
21
1A4-I/O
3
1B4-I/O
36
1SBA
20
1A3-I/O
2
1B3-I/O
––
––
19
1A2-I/O
1
1B2-I/O
––
––
18
1A1-I/O
0
1B1-I/O


Número de pieza similar - 74LVTH182646APMG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVTH182502APMG4 TI-74LVTH182502APMG4 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74LVTH182502APMRG4 TI-74LVTH182502APMRG4 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74LVTH182504APMG4 TI1-74LVTH182504APMG4 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
74LVTH182512DGGRE4 TI-74LVTH182512DGGRE4 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74LVTH182512DGGRE4 TI-74LVTH182512DGGRE4 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Descripción similar - 74LVTH182646APMG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54LVTH18512 TI-SN54LVTH18512_07 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502A-EP TI1-SN74LVTH18502A-EP Datasheet
935Kb / 42P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A_08 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18652A TI-SN54LVTH18652A Datasheet
606Kb / 10P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18512 TI-SN54LVT18512 Datasheet
588Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI-SN54LVTH18514 Datasheet
548Kb / 34P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com