Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0734150960 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0734150960
Descripción Electrónicos  50 Ohms, MMCX Jack, Edge Mount PCB Receptacle, Plating per Military Requirements, Tray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734150960 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734150960 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/28/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734150960
Status:
Active
Overview:
MMCX RF Connectors
Description:
50 Ohms, MMCX Jack, Edge Mount PCB Receptacle, Plating per Military
Requirements, Tray
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
MMCX RF Connectors
Product Name
MMCX
Style
PCB
UPC
800753122703
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
0.377/g
Orientation
Right Angle
PCB Mounting
Edge Mount
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Lead-freeProcess Capability
REFLOW
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-096
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73415 Series
This document was generated on 06/28/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0734150960

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734150960 MOLEX-0734150960_V01 Datasheet
55Kb / 1P
   50 Ohms, MMCX Straight Jack, PCB, Edge Mount, Plating per Military Requirements, Tray
More results

Descripción similar - 0734150960

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734150960 MOLEX-0734150960_V01 Datasheet
55Kb / 1P
   50 Ohms, MMCX Straight Jack, PCB, Edge Mount, Plating per Military Requirements, Tray
0734152060 MOLEX-0734152060_V01 Datasheet
38Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Military Requirements, Tray
0734150961 MOLEX11-0734150961 Datasheet
49Kb / 1P
   50 Ohms, MMCX Jack, Edge Mount PCB Receptacle, Plating per Commercial Requirements, Tray
0734150961 MOLEX-0734150961_V01 Datasheet
55Kb / 1P
   50 Ohms, MMCX Straight Jack, PCB, Edge Mount, Plating per Commercial Requirements, Tray
0734150993 MOLEX11-0734150993 Datasheet
46Kb / 1P
   50 Ohms, MMCX Edge Mount PCB Plug Receptacle, Per Military Requirements
73415-0960 MOLEX11-73415-0960 Datasheet
32Kb / 1P
   50 Ohms, MMCX Edge Mount PCB Jack Receptacle, Plating per MIL Requirements
0734150965 MOLEX11-0734150965 Datasheet
49Kb / 1P
   50 Ohms, MMCX Jack, Edge Mount PCB Receptacle, Plating per Commercial Requirements,
73415-0962 MOLEX11-73415-0962 Datasheet
32Kb / 1P
   50 Ohms, MMCX Edge Mount PCB Jack Receptacle, Plating per MIL Requirements
0734150966 MOLEX11-0734150966 Datasheet
49Kb / 1P
   50 Ohms, MMCX Jack, Edge Mount PCB Receptacle, Plating per Commercial Requirements,
0734152061 MOLEX-0734152061_V01 Datasheet
38Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial Requirements, Tray
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com