Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0734152061 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0734152061
Descripción Electrónicos  50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial Requirements
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734152061 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734152061 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/01/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734152061
Status:
Active
Overview:
MMCX RF Connectors
Description:
50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial
Requirements
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Comments
Surface Mount
Overview
MMCX RF Connectors
Product Name
MMCX
Style
PCB
UPC
756054217467
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
0.230/g
Orientation
Straight
PCB Mounting
Surface Mount
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Electrical
Impedance
50#
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
002
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-206
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73415 Series
This document was generated on 08/01/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0734152061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734152061 MOLEX-0734152061_V01 Datasheet
38Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial Requirements, Tray
More results

Descripción similar - 0734152061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734152064 MOLEX11-0734152064 Datasheet
46Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial Requirements
0734152061 MOLEX-0734152061_V01 Datasheet
38Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial Requirements, Tray
73415-2061 MOLEX11-73415-2061 Datasheet
29Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial
73415-2064 MOLEX11-73415-2064 Datasheet
29Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial
0734152060 MOLEX11-0734152060 Datasheet
46Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per MIL Requirements
73415-2060 MOLEX11-73415-2060 Datasheet
33Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per MIL Requirements
0734152064 MOLEX-0734152064_V01 Datasheet
38Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial Requirements, One Piece Per Bag
0734152063 MOLEX-0734152063_V01 Datasheet
38Kb / 1P
   50 Ohms, MMCX Vertical Jack, PCB Surface Mount, Plating per Commercial Requirements, Tape and Reel
0734152122 MOLEX11-0734152122 Datasheet
25Kb / 1P
   50 Ohms, MMCX Vertical Plug, PCB, Plating Per Commercial Requirements
0734150965 MOLEX11-0734150965 Datasheet
49Kb / 1P
   50 Ohms, MMCX Jack, Edge Mount PCB Receptacle, Plating per Commercial Requirements,
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com