Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN75LBC773DWR Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza SN75LBC773DWR
Descripción Electrónicos  GEOPORT TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC773DWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LBC773DWR Datasheet HTML 4Page - Texas Instruments SN75LBC773DWR Datasheet HTML 5Page - Texas Instruments SN75LBC773DWR Datasheet HTML 6Page - Texas Instruments SN75LBC773DWR Datasheet HTML 7Page - Texas Instruments SN75LBC773DWR Datasheet HTML 8Page - Texas Instruments SN75LBC773DWR Datasheet HTML 9Page - Texas Instruments SN75LBC773DWR Datasheet HTML 10Page - Texas Instruments SN75LBC773DWR Datasheet HTML 11Page - Texas Instruments SN75LBC773DWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN75LBC773
GEOPORT
™ TRANSCEIVER
SLLS247C – FEBRUARY 1997 – NOVEMBER 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
tPLH
tPHZ
tPZH
tPHL
tPLZ
tPZL
tr
tf
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
90%
90%
10%
90%
90%
10%
10%
10%
3 V
0 V
3 V
0 V
VOD(H)
VOD(L)
0 V
DEN
DA
VOD
VOLTAGE WAVEFORM
(see Note A)
VI
VOD
DY2
DZ2
DEN
DA2
RL = 60 Ω
50 pF
RL = 60 Ω
50%
50%
NOTE A: For the input waveform tr, tf < = 10 ns
Figure 5. Differential Driver Propagation and Transition Times Test Circuit and Waveforms
_
+
VI
II
IO
VO
VCC
2 k
15 pF
RY
RA
RB
Input
REN
Output
tr
tf
tPLH
tPHL
0 V
0 V
2.5 V
– 2.5 V
VOH
1.5 V
VOL
90%
90%
10%
10%
VI
VO
TEST CIRCUIT
VOLTAGE WAVEFORM
(see Note A)
NOTE A: For the input waveform tr, tf < = 10 ns
VCC
Figure 6. Receiver Propagation and Transition Times Test Circuit and Waveform


Número de pieza similar - SN75LBC773DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75LBC773DW TI-SN75LBC773DW Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
More results

Descripción similar - SN75LBC773DWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN75LBC771 TI1-SN75LBC771_07 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC776DWR TI1-SN75LBC776DWR Datasheet
537Kb / 17P
[Old version datasheet]   SINGLE-CHIP GeoPort TRANSCEIVER
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com