Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN761668 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN761668
Descripción Electrónicos  DIGITAL TV TUNER IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN761668 Datasheet(HTML) 1 Page - Texas Instruments

  SN761668_15 Datasheet HTML 1Page - Texas Instruments SN761668_15 Datasheet HTML 2Page - Texas Instruments SN761668_15 Datasheet HTML 3Page - Texas Instruments SN761668_15 Datasheet HTML 4Page - Texas Instruments SN761668_15 Datasheet HTML 5Page - Texas Instruments SN761668_15 Datasheet HTML 6Page - Texas Instruments SN761668_15 Datasheet HTML 7Page - Texas Instruments SN761668_15 Datasheet HTML 8Page - Texas Instruments SN761668_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
VLOOSCB
VLOOSCC
OSCGND
VHIOSCB
VHIOSCC
UHFOSCB1
UHFOSCC1
UHFOSCC2
UHFOSCB2
IFGCA IN1
IFGCA IN2
IFGCA CTRL
IFGCA GND
IFGCA OUT2
IFGCA OUT1
IFGND
IFOUT1
IFOUT2
V
CC
CP
VTU
P5/ADC
UHFRFIN1
UHFRFIN2
VHIRFIN
VLORFIN
BS4
RFGND
MIXOUT2
MIXOUT1
IFI 2
N
IFIN1
BUSGND
RF AGCOUT
RF AGCFIL
XTAL OUT
XTAL2
XTAL1
BS3
BS2
BS1
SDA
SCL
AS
DBTPACKAGE
(TOP VIEW)
38
39
40
41
42
43
44
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
DESCRIPTION
SN761668
www.ti.com ..................................................................................................................................................... SLES199E – JANUARY 2007 – REVISED APRIL 2008
DIGITAL TV TUNER IC
• Integrated Mixer/Oscillator/PLL and IF GCA
• VHF-L, VHF-H, UHF 3-Band Local Oscillator
• RF AGC Detector Circuit
• External 4-Pin IF Filter Between Mixer Output
and IF Amplifier Input
• I2C Bus Protocol Bidirectional Data
Transmission
• High-Voltage Tuning Voltage Output
• Four NPN-Type Band-Switch Drivers
• One Auxiliary Port/5-Level ADC
• Crystal Oscillator Output
• Programmable Reference Divider Ratio
(24/28/50/64/80/128)
• Low Distortion IF Gain Controlled Amplifier
• Standby Mode
• 5-V Power Supply
• 44-Pin Thin Shrink Small-Outline Package
(TSSOP)
• Digital TVs
• Digital CATVs
• Set-Top Boxes
The SN761668 is a low-phase-noise synthesized tuner IC designed for digital TV tuning systems. The circuit
consists of a PLL synthesizer, three-band local oscillator and mixer, RF AGC detector circuit, and IF
gain-controlled amplifier. The SN761668 is available in a small-outline package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - SN761668_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN761668DBTR TI-SN761668DBTR Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
More results

Descripción similar - SN761668_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761644 TI1-SN761644 Datasheet
949Kb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761667 TI-SN761667 Datasheet
507Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761646 TI1-SN761646 Datasheet
679Kb / 26P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642 Datasheet
898Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com