Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN761678DCHR Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza SN761678DCHR
Descripción Electrónicos  TV/VCR TUNER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN761678DCHR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN761678DCHR Datasheet HTML 8Page - Texas Instruments SN761678DCHR Datasheet HTML 9Page - Texas Instruments SN761678DCHR Datasheet HTML 10Page - Texas Instruments SN761678DCHR Datasheet HTML 11Page - Texas Instruments SN761678DCHR Datasheet HTML 12Page - Texas Instruments SN761678DCHR Datasheet HTML 13Page - Texas Instruments SN761678DCHR Datasheet HTML 14Page - Texas Instruments SN761678DCHR Datasheet HTML 15Page - Texas Instruments SN761678DCHR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SN761678
TV/VCR TUNER
SLES104 − DECEMBER 2003
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 5. Test Bits (Note 8)
T2
T1
T0
FUNCTION
0
0
0
Normal operation
0
0
1
Normal operation (default)
0
1
X
Charge pump off
1
1
0
Charge pump sink
1
1
1
Charge pump source
1
0
X
Test mode (not available ADC)
NOTE 8: Not used for other bit patterns.
Table 6. Ratio Select Bits
RSA
RSB
REFERENCE DIVIDER RATIO
X
0
640
0
1
1024
1
1
512
(2) I2C Read mode (R/W = 1)
Table 7. Read Data Format
MSB
LSB
Address byte (ADB)
1
1
0
0
0
MA1
MA0
R/W = 1
A
Status byte (SB)
POR
FL
1
1
1
A2
A1
A0
A
A: Acknowledge
Table 8. Description of Data Symbols
SYMBOL
DESCRIPTION
DEFAULT
MA1, MA0
Address set bits (see Table 4 address selection)
POR
Power-on reset flag
POR set = power on
POR reset = end-of-data transmission procedure
POR = 1
FL
In-lock flag
PLL lock (FL = 1) unlock (FL = 0)
A2...A0
Digital data of ADC (see Table 9)
Table 9. ADC Level
VOLTAGE APPLIED ON ADC INPUT
A2
A1
A0
0.6 VCC to VCC
1
0
0
0.45 VCC to 0.6 VCC
0
1
1
0.3 VCC to 0.45 VCC
0
1
0
0.15 VCC to 0.3 VCC
0
0
1
0 to 0.15 VCC
0
0
0
NOTE 9: Note 9: Accuracy is 0.03 x
VCC.


Número de pieza similar - SN761678DCHR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761678BDBT TI-SN761678BDBT Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678BDBTG4 TI-SN761678BDBTG4 Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
More results

Descripción similar - SN761678DCHR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761677 TI1-SN761677_14 Datasheet
288Kb / 22P
[Old version datasheet]   TV/VCR TUNER IC WITH DC/DC CONVERTER
SN761677 TI-SN761677 Datasheet
213Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC WITH DC/DC CONVERTER
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com