Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0734152252 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0734152252
Descripción Electrónicos  50 Ohms, MMCX Plug, Crimp, 1.13mm Cable, One Piece Per Bag
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734152252 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734152252 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/03/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734152252
Status:
Active
Overview:
MMCX RF Connectors
Description:
50 Ohms, MMCX Plug, Crimp, 1.13mm Cable, One Piece Per Bag
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
MMCX RF Connectors
Product Name
MMCX
Style
Cable
UPC
884982653474
Wire/Cable Type
1.13mm max.
Physical
Gender
Plug
Keying to Mating Part
None
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-225
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
73415 Series
This document was generated on 03/03/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0734152252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734152252 MOLEX-0734152252_V01 Datasheet
56Kb / 1P
   50 Ohms, MMCX Plug, 0.25關m Gold (Au) Plating, Crimp, 1.13mm Cable, One Piece Per Bag
More results

Descripción similar - 0734152252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0734153412 MOLEX11-0734153412 Datasheet
48Kb / 1P
   50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, 1.13mm Cable, One Piece Per Bag
0734152262 MOLEX-0734152262_V01 Datasheet
59Kb / 1P
   50 Ohms, MMCX Right-Angle Plug, Crimp, 1.13mm Cable, Plating Per Commercial Requirements, One Piece Per Bag
73415-3412 MOLEX11-73415-3412 Datasheet
33Kb / 1P
   50 Ohms, MMCX Jack, Crimp, Gold (Au) Plating, 1.13mm Cable, One Piece Per Bag
0734152252 MOLEX-0734152252_V01 Datasheet
56Kb / 1P
   50 Ohms, MMCX Plug, 0.25關m Gold (Au) Plating, Crimp, 1.13mm Cable, One Piece Per Bag
0734152142 MOLEX11-0734152142 Datasheet
29Kb / 1P
   50 Ohms, MMCX Right-Angle Plug, Crimp, RD-316 Cable, One Piece Per Bag
0734152142 MOLEX-0734152142_V01 Datasheet
56Kb / 1P
   50 Ohms, MMCX Right-Angle Plug, Crimp, RD-316 Cable, One Piece Per Bag
0734152132 MOLEX-0734152132_V01 Datasheet
56Kb / 1P
   50 Ohms, MMCX Plug, Crimp, RD-316 Cable, Plating Per Commercial Requirements, One Piece Per Bag
0733860302 MOLEX-0733860302 Datasheet
30Kb / 1P
   50 Ohms, RF Adapter SMA Plug to MMCX Plug, One Piece Per Bag
0734152260 MOLEX-0734152260 Datasheet
59Kb / 1P
   50 Ohms, MMCX Right-Angle Plug, Crimp, 1.13mm Cable, Plating Per Military Requirements, 500 Pieces Per Bag
0734152251 MOLEX11-0734152251 Datasheet
29Kb / 1P
   50 Ohms, MMCX Plug, Crimp, 1.13mm Cable, Bulk
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com