Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMP2234BMAX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMP2234BMAX/NOPB
Descripción Electrónicos  Quad Micropower, 1.6V, Precision, Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2234BMAX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP2234BMAX/NOPB Datasheet HTML 1Page - Texas Instruments LMP2234BMAX/NOPB Datasheet HTML 2Page - Texas Instruments LMP2234BMAX/NOPB Datasheet HTML 3Page - Texas Instruments LMP2234BMAX/NOPB Datasheet HTML 4Page - Texas Instruments LMP2234BMAX/NOPB Datasheet HTML 5Page - Texas Instruments LMP2234BMAX/NOPB Datasheet HTML 6Page - Texas Instruments LMP2234BMAX/NOPB Datasheet HTML 7Page - Texas Instruments LMP2234BMAX/NOPB Datasheet HTML 8Page - Texas Instruments LMP2234BMAX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMP2234
www.ti.com
SNOSAW4D – SEPTEMBER 2007 – REVISED MARCH 2013
3.3V DC Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 3.3V, V= 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
IO
Output Current
Sourcing, VO to V
11
14
mA
(4)
VIN(diff) = 100 mV
8
Sinking, VO to V
+
8
11
VIN(diff) = −100 mV
5
IS
Supply Current
34
44
µA
46
(4)
The short circuit test is a momentary open loop test.
3.3V AC Electrical Characteristics
(1)
Unless otherwise is specified, all limits are ensured for TA = 25°C, V
+ = 3.3V, V= 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
GBWP
Gain Bandwidth Product
CL = 20 pF, RL = 10 kΩ
128
kHz
SR
Slew Rate
AV = +1, CL = 20 pF
Falling Edge
58
V/ms
RL = 10 kΩ
Rising Edge
48
θ m
Phase Margin
CL = 20 pF, RL = 10 kΩ
66
deg
Gm
Gain Margin
CL = 20 pF, RL = 10 kΩ
26
dB
en
Input-Referred Voltage Noise Density
f = 1 kHz
60
nV/
√Hz
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
2.4
μVPP
in
Input-Referred Current Noise Density
f = 1 kHz
10
fA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 100 Hz, RL = 10 kΩ
0.003
%
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
2.5V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 2.5V, V= 0V, V
CM = VO = V
+/2, and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
±10
±190
μV
±275
TCVOS
Input Offset Voltage Drift
LMP2234A
±0.3
±0.75
μV/°C
LMP2234B
±0.3
±2.5
IBIAS
Input Bias Current
±0.02
±1.0
pA
±50
IOS
Input Offset Current
±5
fA
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP2234


Número de pieza similar - LMP2234BMAX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMP2234BMAX/NOPB TI-LMP2234BMAX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
More results

Descripción similar - LMP2234BMAX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
[Old version datasheet]   LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
National Semiconductor ...
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
   Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
   Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMP2232 TI1-LMP2232_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2231 TI-LMP2231_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6064IM TI1-LMC6064IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com