Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC255P Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TC255P
Descripción Electrónicos  PIXEL CCD IMAGE SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TC255P Datasheet(HTML) 10 Page - Texas Instruments

Back Button TC255P Datasheet HTML 6Page - Texas Instruments TC255P Datasheet HTML 7Page - Texas Instruments TC255P Datasheet HTML 8Page - Texas Instruments TC255P Datasheet HTML 9Page - Texas Instruments TC255P Datasheet HTML 10Page - Texas Instruments TC255P Datasheet HTML 11Page - Texas Instruments TC255P Datasheet HTML 12Page - Texas Instruments TC255P Datasheet HTML 13Page - Texas Instruments TC255P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057A – JUNE 1996 – REVISED MARCH 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
optical characteristics, TA = 40°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity
No IR filter
350
mV/lx
Sensitivity
With IR filter
45
mV/lx
Saturation signal, Vsat (see Note 11)
Antiblooming disabled, Interlace off
600
750
mV
Maximum usable signal, Vuse
Antiblooming enabled
200
250
mV
Blooming-overload ratio (see Note 12)
100
200
Image-area well capacity
50000
62500
electrons
Smear (see Notes 13 and 14)
0.00012
Dark current
Interlace disabled,
TA = 21°C
0.20
nA/cm2
Dark signal
200
µV
Pixel uniformity
Output signal = 60 mV
± 10 mV
15
mV
Column uniformity
Output signal = 60 mV
± 10 mV
0.5
mV
Shading
15
%
Electronic-shutter capability
1/15000
1/60
s
NOTES: 11. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
12. Blooming is the condition in which charge is induced in an element by light incident on another element. Blooming-overload ratio
is the ratio of blooming exposure to saturation exposure.
13. Smear is a measure of the error introduced by transferring charge through an illuminated pixel in shutterless operation. It is equivalent
to the ratio of the single-pixel transfer time to the exposure time using an illuminated section that is 1/10 of the image-area vertical
height with recommended clock frequencies.
14. The exposure time is 16.67 ms, the fast-dump clocking rate during vertical transfer is 12.5 MHz, and the illuminated section is 1/10
of the height of the image section.
timing requirements
MIN
NOM
MAX
UNIT
ABG
10
40
IAG1, IAG2 (fast clear)
10
10
tr
Rise time
IAG1, IAG2 (image transfer)
10
20
ns
SAG
10
20
SRG
10
40
ABG
10
40
IAG1, IAG2 (fast clear)
10
10
tf
Fall time
IAG1, IAG2 (image transfer)
10
20
ns
SAG
10
20
SRG
10
40


Número de pieza similar - TC255P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TC255P TI-TC255P Datasheet
240Kb / 18P
[Old version datasheet]   336- 횞 244-pixel ccd image sensor
More results

Descripción similar - TC255P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com