Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR14050SQDPRRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR14050SQDPRRQ1
Descripción Electrónicos  LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14050SQDPRRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMR14050SQDPRRQ1 Datasheet HTML 6Page - Texas Instruments LMR14050SQDPRRQ1 Datasheet HTML 7Page - Texas Instruments LMR14050SQDPRRQ1 Datasheet HTML 8Page - Texas Instruments LMR14050SQDPRRQ1 Datasheet HTML 9Page - Texas Instruments LMR14050SQDPRRQ1 Datasheet HTML 10Page - Texas Instruments LMR14050SQDPRRQ1 Datasheet HTML 11Page - Texas Instruments LMR14050SQDPRRQ1 Datasheet HTML 12Page - Texas Instruments LMR14050SQDPRRQ1 Datasheet HTML 13Page - Texas Instruments LMR14050SQDPRRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
VSW
VIN
D = tON/ TSW
tON
tOFF
TSW
t
-VD
0
iL
IOUT
t
0
ILPK
ûiL
10
LMR14050-Q1
SNVSAG2A – NOVEMBER 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: LMR14050-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Fixed Frequency Peak Current Mode Control
The following operating description of the LMR14050-Q1 will refer to the Functional Block Diagram and to the
waveforms in Figure 13. LMR14050-Q1 output voltage is regulated by turning on the high-side N-MOSFET with
controlled ON time. During high-side switch ON time, the SW pin voltage swings up to approximately VIN, and the
inductor current iL increase with linear slope (VIN – VOUT) / L. When high-side switch is off, inductor current
discharges through freewheel diode with a slope of –VOUT / L. The control parameter of Buck converter is defined
as Duty Cycle D = tON / TSW, where tON is the high-side switch ON time and TSW is the switching period. The
regulator control loop maintains a constant output voltage by adjusting the duty cycle D. In an ideal Buck
converter, where losses are ignored, D is proportional to the output voltage and inversely proportional to the input
voltage: D = VOUT / VIN.
Figure 13. SW Node and Inductor Current Waveforms in
Continuous Conduction Mode (CCM)
The LMR14050-Q1 employs fixed frequency peak current mode control. A voltage feedback loop is used to get
accurate DC voltage regulation by adjusting the peak current command based on voltage offset. The peak
inductor current is sensed from the high-side switch and compared to the peak current to control the ON time of
the high-side switch. The voltage feedback loop is internally compensated, which allows for fewer external
components, makes it easy to design, and provides stable operation with almost any combination of output
capacitors. The regulator operates with fixed switching frequency at normal load condition. At very light load, the
LMR14050-Q1 will operate in Sleep-mode to maintain high efficiency and the switching frequency will decrease
with reduced load current.
7.3.2 Slope Compensation
The LMR14050-Q1 adds a compensating ramp to the MOSFET switch current sense signal. This slope
compensation prevents sub-harmonic oscillations at duty cycles greater than 50%. The peak current limit of the
high-side switch is not affected by the slope compensation and remains constant over the full duty cycle range.
7.3.3 Sleep-mode
The LMR14050-Q1 operates in Sleep-mode at light load currents to improve efficiency by reducing switching and
gate drive losses. If the output voltage is within regulation and the peak switch current at the end of any
switching cycle is below the current threshold of 300 mA, the device enters Sleep-mode. The Sleep-mode current
threshold is the peak switch current level corresponding to a nominal internal COMP voltage of 400 mV.
When in Sleep-mode, the internal COMP voltage is clamped at 400 mV and the high-side MOSFET is inhibited,
and the device draws only 40 μA (typical) input quiescent current. Since the device is not switching, the output
voltage begins to decay. The voltage control loop responds to the falling output voltage by increasing the internal
COMP voltage. The high-side MOSFET is enabled and switching resumes when the error amplifier lifts internal
COMP voltage above 400 mV. The output voltage recovers to the regulated value, and internal COMP voltage
eventually falls below the Sleep-mode threshold at which time the device again enters Sleep-mode.


Número de pieza similar - LMR14050SQDPRRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR14050SQDPRRQ1 TI-LMR14050SQDPRRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
More results

Descripción similar - LMR14050SQDPRRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14050 TI1-LMR14050 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020-Q1 TI1-LMR14020-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com