Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV225 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LMV225
Descripción Electrónicos  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV225 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV225_16 Datasheet HTML 4Page - Texas Instruments LMV225_16 Datasheet HTML 5Page - Texas Instruments LMV225_16 Datasheet HTML 6Page - Texas Instruments LMV225_16 Datasheet HTML 7Page - Texas Instruments LMV225_16 Datasheet HTML 8Page - Texas Instruments LMV225_16 Datasheet HTML 9Page - Texas Instruments LMV225_16 Datasheet HTML 10Page - Texas Instruments LMV225_16 Datasheet HTML 11Page - Texas Instruments LMV225_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
LMV225, LMV226, LMV228
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
5.0 DC AND AC ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, all limits are specified to VDD = 5.0V; TJ = 25°C. Boldface limits apply at temperature extremes.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
en
Output Referred Noise
RF Input = 1800 MHz,
−10 dBm for LMV225
700
nV/
√Hz
and 5 dBm for LMV226/LMV228, Measured at
10 kHz
Variation Due to Temperature
900 MHz, RFIN = 0 dBm
LMV225
+0.89
Referred to 25°C
−1.16
900 MHz, RFIN = 15 dBm
LMV226
+0.25
Referred to 25°C
−0.16
LMV228
+0.46
DSBGA
−0.62
LMV228 WSON
+1.39
−1.19
1800 MHz, RFIN = 0 dBm
LMV225
+0.3
Referred to 25°C
−0.82
1800 MHz, RFIN = 15 dBm
LMV226
+0.21
Referred to 25°C
−0.09
LMV228
+0.55
DSBGA
−0.78
LMV228 WSON
+1.39
−1.43
dB
1900 MHz, RFIN = 0 dBm
LMV225
+0.34
Referred to 25°C
−0.63
1900 MHz, RFIN = 15 dBm
LMV226
+0.21
Referred to 25°C
−0.19
LMV228
+0.55
DSBGA
−0.93
LMV228 WSON
+1.54
−1.64
2000 MHz, RFIN = 0 dBm
LMV225
+0.22
Referred to 25°C
−0.75
2000 MHz RFIN = 15 dBm
LMV226
+0.25
Referred to 25°C
−0.34
LMV228
+0.61
DSBGA
0.91
LMV228 WSON
+0.89
−0.99
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV225 LMV226 LMV228


Número de pieza similar - LMV225_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
More results

Descripción similar - LMV225_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SD TI-LMV225SD Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
   Production RF Tested, RF Power Detector for CDMA and WCDMA
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
   Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
[Old version datasheet]   LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com