Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV358QDQ1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LMV358QDQ1
Descripción Electrónicos  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358QDQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV358QDQ1 Datasheet HTML 2Page - Texas Instruments LMV358QDQ1 Datasheet HTML 3Page - Texas Instruments LMV358QDQ1 Datasheet HTML 4Page - Texas Instruments LMV358QDQ1 Datasheet HTML 5Page - Texas Instruments LMV358QDQ1 Datasheet HTML 6Page - Texas Instruments LMV358QDQ1 Datasheet HTML 7Page - Texas Instruments LMV358QDQ1 Datasheet HTML 8Page - Texas Instruments LMV358QDQ1 Datasheet HTML 9Page - Texas Instruments LMV358QDQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LMV321-Q1 SINGLE, LMV358-Q1 DUAL, LMV324-Q1 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS415E − JUNE 2003 − REVISED APRIL 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
10000
−50
Figure 1
−20
−10
0
10
20
30
40
1
10
100
1000
0
50
100
150
200
GAIN AND PHASE MARGIN
vs
FREQUENCY
Frequency − kHz
VCC = 2.7 V
RL = 100 kΩ, 2 kΩ, 600 Ω
Gain
Phase
100 k
2 k
600
GAIN AND PHASE MARGIN
vs
FREQUENCY
Figure 2
−20
−10
0
10
20
30
40
1
10
100
1000
10000
−50
0
50
Frequency − kHz
100
150
200
VCC = 5 V
RL = 100 kΩ, 2 kΩ, 600 Ω
Gain
Phase
100 k
2 k
600
GAIN AND PHASE MARGIN
vs
FREQUENCY
−20
−10
0
10
20
30
40
50
60
70
10
100
1000
10000
−80
−60
−40
−20
0
20
40
60
80
100
Figure 3
VCC = 5 V
RL = 600 W
CL = 16 pF, 100 pF,
500 pF, 1000 pF
Frequency − kHz
16 pF
100 pF
500 pF
1000 pF
16 pF
100 pF
500 pF
1000 pF
Phase
Gain
−20
−10
0
10
20
30
40
50
60
70
10
100
1000
10000
Frequency − kHz
−80
−60
−40
−20
0
20
40
60
80
100
VCC = 5 V
RL = 100 kΩ
CL = 16 pF, 100 pF,
500 pF, 1000 pF
16 pF
100 pF
16 pF
100 pF
500 pF
500 pF
1000 pF
1000 pF
Phase
Gain
GAIN AND PHASE MARGIN
vs
FREQUENCY
Figure 4


Número de pieza similar - LMV358QDQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV358QDQ1 TI1-LMV358QDQ1 Datasheet
772Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Descripción similar - LMV358QDQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com