Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV1015 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV1015
Descripción Electrónicos  LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV1015 Datasheet(HTML) 1 Page - Texas Instruments

  LMV1015 Datasheet HTML 1Page - Texas Instruments LMV1015 Datasheet HTML 2Page - Texas Instruments LMV1015 Datasheet HTML 3Page - Texas Instruments LMV1015 Datasheet HTML 4Page - Texas Instruments LMV1015 Datasheet HTML 5Page - Texas Instruments LMV1015 Datasheet HTML 6Page - Texas Instruments LMV1015 Datasheet HTML 7Page - Texas Instruments LMV1015 Datasheet HTML 8Page - Texas Instruments LMV1015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
OUTPUT
GND
INPUT
- +
2.2k
2.2PF
VDD
-
+
DIAPHRAGM
AIRGAP
BACKPLATE
ELECTRET
CONNECTOR
LMV1015
x
x
x
x
x
x
x
x
xxx
x
xx
xx
IC
LMV1015
www.ti.com
SNAS291B – MARCH 2005 – REVISED APRIL 2013
LMV1015 Analog Series: Built-in Gain IC's for High Sensitivity 2-Wire Microphones
Check for Samples: LMV1015
1
FEATURES
DESCRIPTION
The LMV1015 is an audio amplifier series for small
2
(Typical LMV1015-15, 2.2V supply, RL = 2.2 kΩ,
form factor electret microphones. This 2-wire portfolio
C = 2.2
μF, VIN = 18 mVPP, unless otherwise
is designed to replace the JFET amplifier. The
specified)
LMV1015 series is ideally suited for applications
Supply Voltage: 2V - 5V
requiring high signal integrity in the presence of
ambient
or
RF
noise,
such
as
in
cellular
Supply Current: <180
μA
communications. The LMV1015 audio amplifiers are
Signal to Noise Ratio (A-Weighted): 60 dB
ensured to operate over a 2.2V to 5.0V supply
Output Voltage Noise (A-Weighted):
−89 dBV
voltage range with fixed gains of 15.6 dB and 23.8
Total Harmonic Distortion 0.09%
dB. The devices offer excellent THD, gain accuracy
and temperature stability as compared to a JFET
Voltage Gain
microphone.
LMV1015-15: 15.6 dB
The LMV1015 series enables a two-pin electret
LMV1015-25: 23.8 dB
microphone solution, which provides direct pin-to-pin
Temperature Range:
−40°C to 85°C
compatibility with the existing older JFET market.
Large Dome 4-Bump DSBGA Package with
Texas Instruments' built-in gain families are offered in
Improved Adhesion Technology.
extremely
thin
space
saving
4-bump
DSBGA
packages (0.3 mm maximum). The LMV1015XR is
APPLICATIONS
designed for 1.0 mm ECM canisters and thicker.
These extremely miniature packages have the Large
Cellular Phones
Dome
Bump
(LDB)
technology.
This
DSBGA
Headsets
technology
is
designed
for
microphone
PCBs
Mobile Communications
requiring 1 kg adhesion criteria.
Automotive Accessories
PDAs
Accessory Microphone Products
Schematic Diagram
Built-In Gain Electret Microphone
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LMV1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
   Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1015-15 NSC-LMV1015-15 Datasheet
698Kb / 11P
   Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1015-25 NSC-LMV1015-25 Datasheet
698Kb / 11P
   Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1015UR-15 NSC-LMV1015UR-15 Datasheet
698Kb / 11P
   Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1015UR-25 NSC-LMV1015UR-25 Datasheet
698Kb / 11P
   Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
More results

Descripción similar - LMV1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
   Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
logo
Texas Instruments
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
logo
National Semiconductor ...
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
   Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
   Analog Pre-Amplified IC?셲 for High Gain Microphones
logo
Texas Instruments
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
[Old version datasheet]   Amplifiers for 3-Wire Analog Electret Microphones
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
LMV1032 TI1-LMV1032_15 Datasheet
960Kb / 18P
[Old version datasheet]   LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com