Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6559 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMH6559
Descripción Electrónicos  High-Speed, Closed-Loop Buffer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6559 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6559 Datasheet HTML 6Page - Texas Instruments LMH6559 Datasheet HTML 7Page - Texas Instruments LMH6559 Datasheet HTML 8Page - Texas Instruments LMH6559 Datasheet HTML 9Page - Texas Instruments LMH6559 Datasheet HTML 10Page - Texas Instruments LMH6559 Datasheet HTML 11Page - Texas Instruments LMH6559 Datasheet HTML 12Page - Texas Instruments LMH6559 Datasheet HTML 13Page - Texas Instruments LMH6559 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
0.5
2
3
4
5
6
-100
-90
-70
-60
-50
-40
-30
-20
-10
0
VOUT (VPP)
-80
1.5
2.5
3.5
4.5
5.5
1
3
rd
HD
THD
2
nd
HD
VS = 10V
RL = 100:
4
th
HD
0.5
2
3
4
5
6
-100
-90
-70
-60
-50
-40
-30
-20
-10
0
VOUT (VPP)
-80
1.5
2.5
3.5
4.5
5.5
1
3
rd
HD
4
th
HD
THD
2
nd
HD
VS = 10V
RL = 100:
0.5
2
3
4
5
6
-100
-90
-70
-60
-50
-40
-30
-20
-10
0
VOUT (VPP)
-80
1.5
2.5
3.5
4.5
5.5
1
3
rd
HD
4
th
HD
THD
2
nd
HD
VS = 10V
RL = 100:
0
2
4
6
8
10
12
14
16
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
TIME (ns)
RL = 100:
VS = 3V, STEP 1VPP
VS = 10V, STEP 3.3VPP
VS = 5V, STEP 2.3VPP
VS = 10V, STEP 3.3VPP
0
1
2
3
4
5
6
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
TIME (ns)
VS = 10V
STEP = 3.3V
RL = 100:
0
2
4
6
8
10
12
14
16
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
TIME (ns)
RL = 100:
VS = 3V, STEP 1VPP
VS = 5V, STEP 2.3VPP
VS = 10V, STEP 3.3VPP
LMH6559
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Charac teristics (continued)
At TJ = 25°C; V
+ = +5V; V= −5V; Unless otherwise specified.
Transient Response Negative
Transient Response Positive for Various VSUPPLY
Figure 10.
Figure 11.
Transient Response Negative for Various VSUPPLY
Harmonic Distortion vs. VOUT @ 5MHz
Figure 12.
Figure 13.
Harmonic Distortion vs. VOUT @ 10MHz
Harmonic Distortion vs. VOUT @ 20MHz
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6559


Número de pieza similar - LMH6559

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559MA NSC-LMH6559MA Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559MA NSC-LMH6559MA Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559MAX NSC-LMH6559MAX Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
More results

Descripción similar - LMH6559

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com