Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6559MF Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMH6559MF
Descripción Electrónicos  High-Speed, Closed-Loop Buffer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6559MF Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6559MF Datasheet HTML 7Page - Texas Instruments LMH6559MF Datasheet HTML 8Page - Texas Instruments LMH6559MF Datasheet HTML 9Page - Texas Instruments LMH6559MF Datasheet HTML 10Page - Texas Instruments LMH6559MF Datasheet HTML 11Page - Texas Instruments LMH6559MF Datasheet HTML 12Page - Texas Instruments LMH6559MF Datasheet HTML 13Page - Texas Instruments LMH6559MF Datasheet HTML 14Page - Texas Instruments LMH6559MF Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
3
4
5
6
7
8
9
10
VSUPPLY (V)
-7
-6
-5
-4
-3
-2
-1
0
-40°C
25°C
85°C
125°C
3
4
5
6
7
8
9
10
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
VSUPPLY (V)
-40°C
125°C
85°C
25°C
3
4
5
6
7
8
9
VSUPPLY (V)
-6
-5
-4
-3
-2
-1
5
10
0
1
2
3
4
T = 25°C
UNIT 3
UNIT 1
UNIT 2
-10
-5
0
5
10
15
20
INPUT (dBm)
-15
-10
-5
0
5
10
15
20
25
VS = 10V
RL = 100:
500MHz
250MHz
50MHz
10MHz
750MHz
0.5
2
3
4
5
6
-70
-65
-55
-50
-45
-40
VOUT (VPP)
-60
1.5
2.5
3.5
4.5
5.5
1
20MHz
VS = 10V
RL = 100:
10MHz
5MHz
1MHz
10MHz
100
10k
1M
FREQUENCY (Hz)
0
10
25
40
10M
100k
1k
35
30
20
15
5
VS = 10V
RL = 100:
LMH6559
www.ti.com
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
Typical Performance Charac teristics (continued)
At TJ = 25°C; V
+ = +5V; V= −5V; Unless otherwise specified.
THD vs. VOUT for Various Frequencies
Voltage Noise
Figure 16.
Figure 17.
Linearity VOUT vs. VIN
VOS vs. VSUPPLY for 3 Units
Figure 18.
Figure 19.
VOS vs. VSUPPLY for Unit 1
VOS vs. VSUPPLY for Unit 2
Figure 20.
Figure 21.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6559


Número de pieza similar - LMH6559MF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6559MF NSC-LMH6559MF Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559MF NSC-LMH6559MF Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559MFX NSC-LMH6559MFX Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
LMH6559MFX NSC-LMH6559MFX Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
More results

Descripción similar - LMH6559MF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com