Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

93AA46AE48I Datasheet(PDF) 1 Page - Microchip Technology

No. de pieza 93AA46AE48I
Descripción Electrónicos  1K Microwire Serial EEPROM with EUI-48??Node Identity
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46AE48I Datasheet(HTML) 1 Page - Microchip Technology

  93AA46AE48I Datasheet HTML 1Page - Microchip Technology 93AA46AE48I Datasheet HTML 2Page - Microchip Technology 93AA46AE48I Datasheet HTML 3Page - Microchip Technology 93AA46AE48I Datasheet HTML 4Page - Microchip Technology 93AA46AE48I Datasheet HTML 5Page - Microchip Technology 93AA46AE48I Datasheet HTML 6Page - Microchip Technology 93AA46AE48I Datasheet HTML 7Page - Microchip Technology 93AA46AE48I Datasheet HTML 8Page - Microchip Technology 93AA46AE48I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2013-2016 Microchip Technology Inc.
DS20005229C-page 1
93AA46AE48
Device Selection Table
Features
• Pre-Programmed Globally Unique 48-Bit Node
Address
• Compatible with EUI-48and EUI-64
• Compatible with LAN9210, LAN9211, LAN9215,
LAN9217, LAN9218, LAN9220, LAN9221
• Low-Power CMOS Technology
• 128 x 8-Bit Organization
• Self-Timed Erase/Write Cycles
(including Auto-Erase)
• Automatic Erase All (ERAL) before Write All
(WRAL)
• Power-On/Off Data Protection Circuitry
• Industry Standard 3-Wire Serial I/O
• Device Status Signal (Ready/Busy)
• Sequential Read Function
• 1,000,000 Erase/Write Cycles
• Data Retention: >200 Years
• RoHS Compliant
• Temperature Ranges Supported:
Description
The Microchip Technology Inc. 93AA46AE48 device is
a 1 Kbit low-voltage Serial Electrically Erasable PROM
(EEPROM) featuring an 8-bit word size. Advanced
CMOS technology makes this device ideal for
low-power, nonvolatile memory applications. The
93AA46AE48 is available in standard 8-lead SOIC and
6-lead SOT-23 packages.
Package Types (not to scale)
Pin Function Table
Part Number
VCC Range
Word Size
Temp. Ranges
Packages
Node Address
93AA46AE48
1.8V-5.5V
8-bit
I
SN, OT
EUI-48
- Industrial (I): -40°C to +85°C
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
NC
No Internal Connection
VCC
Power Supply
DO
VSS
DI
1
2
3
6
5
4
VCC
CS
CLK
CS
CLK
DO
VCC
NC
NC
VSS
1
2
3
4
8
7
6
5
SOIC
(SN)
DI
6-Lead SOT-23
(OT)
1K Microwire Serial EEPROM with EUI-48Node Identity


Número de pieza similar - 93AA46AE48I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
   1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93AA46A MICROCHIP-93AA46A Datasheet
736Kb / 34P
   1K Microwire Compatible Serial EEPROM
2010
93AA46A MICROCHIP-93AA46A Datasheet
915Kb / 36P
   1K Microwire Compatible Serial EEPROM Low-Power CMOS Technology
11/29/11
93AA46A MICROCHIP-93AA46A Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
More results

Descripción similar - 93AA46AE48I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
24AA02E48 MICROCHIP-24AA02E48 Datasheet
274Kb / 18P
   2K I2C??Serial EEPROM with EUI-48??Node Identity
2009
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
   2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
25AA02E48 MICROCHIP-25AA02E48 Datasheet
311Kb / 20P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2008
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
   2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
   2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com