Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6586VS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMH6586VS/NOPB
Descripción Electrónicos  LMH6586 32x16 Video Crosspoint Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6586VS/NOPB Datasheet HTML 1Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 2Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LMH6586
www.ti.com
SNCS105D – JULY 2008 – REVISED MARCH 2013
LMH6586 32x16 Video Crosspoint Switch
Check for Samples: LMH6586
1
FEATURES
DESCRIPTION
2
32 Inputs and 16 Outputs
The
LMH6586
is
a
non-blocking
analog
video
AC-Coupled Inputs with Integrated DC Restore
crosspoint switch designed for routing standard
Clamp
NTSC or PAL composite video signals. The non-
Individually Addressable Outputs
blocking architecture allows any of the 32 inputs to be
connected to any of the 16 outputs, including any
Pin-Selectable Output Buffer Gain (1 V/V or 2
input that is already connected. Each input has an
V/V)
integrated DC restore clamp for biasing of the AC-
–3 dB Bandwidth = 66 MHz
coupled video signal. The output buffers have a
DG = 0.05%, DP = 0.05° @ RL = 150Ω, AV = 2V/V
common selectable gain setting of 1X or 2X and can
drive loads of 150
Ω.
−70 dB Off-Isolation @ 6 MHz
Individual Input and Output Shutdown Modes
The LMH6586 features two types of input signal
detection for convenient monitoring of activity on any
Device Power Down Mode
input channel. Video detection can be configured to
Video Detection with Programmable Threshold
indicate when either “presence of video” or “loss of
(8 Levels)
video” is detected across the video threshold level
Sync Detection with Pin-Configurable
controlled by a programmable register. Additionally,
sync detection can be configured to indicate when
Threshold
“loss of sync” is detected across the sync threshold
100 kHz I2C Interface with 2-Bit Configurable
level controlled by a DC voltage input.
Slave Address
The switch configuration and other parameters are
Single 5V Supply Operation
programmable via the I2C bus interface. The slave
Extra Video Output (VOUT_16) for External
device address is configurable via two external pins
Video Sync Separator
allowing up to four LMH6586 devices, each with a
unique address, on a common I2C bus. This helps
APPLICATIONS
facilitate expansion of the crosspoint matrix array size
(e.g. 64 x 16). The LMH6586 operates from a
CCTV Security and Surveillance Systems
common single 5V supply for its analog sections as
Analog Video Routing
well as its control logic and I2C interface. The
LMH6586 is offered in a space-saving 80-pin TQFP.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LMH6586VS/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6586VS NSC-LMH6586VS Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
More results

Descripción similar - LMH6586VS/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
[Old version datasheet]   32x16 Video Crosspoint Switch
logo
Intersil Corporation
ISL59534_0708 INTERSIL-ISL59534_0708 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59534 RENESAS-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Intersil Corporation
ISL59534 INTERSIL-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com