Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL75LP12QPWLE Datasheet(PDF) 4 Page - Texas Instruments |
|
TL75LP12QPWLE Datasheet(HTML) 4 Page - Texas Instruments |
4 / 15 page TL75LPxxQ SERIES TL75LPxxY SERIES LOW DROPOUT VOLTAGE REGULATORS SLVS073A − SEPTEMBER 1992 − REVISED AUGUST 1995 3−4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 recommended operating conditions MIN MAX UNIT TL75LP48 5.15 23.0 TL75LP05 5.3 23.0 Input voltage, VI TL75LP08 8.4 23.0 V Input voltage, VI TL75LP10 10.4 23.0 V TL75LP12 12.5 23.0 High-level input voltage, ENABLE, VIH 2.0 15.0 V Low-level input voltage, ENABLE, VIL 0 0.8 V Output current range, IO 5 300 mA Operating virtual junction temperature range, TJ −40 125 °C electrical characteristics over operating virtual junction temperature range, VI = 10 V, IO = 300 mA, ENABLE = 0 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TL75LP48Q UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX UNIT Output voltage VI = 5.35 V to 10 V 4.75 4.85 4.95 V Input voltage regulation VI = 5.35 V to 10 V, TJ = 25°C 10 25 mV Ripple rejection VI = 5.6 V to 15.6 V, f = 120 Hz, TJ = 25°C 50 55 dB Output voltage regulation IO = 5 mA to 300 mA, TJ = 25°C 12 30 mV IO = 100 mA 0.12 0.2 Dropout voltage IO = 200 mA 0.17 0.3 V Dropout voltage IO = 300 mA 0.22 0.4 V Output noise voltage f = 10 Hz to 100 kHz, TJ = 25°C 500 µV IO = 10 mA 2.5 4 Bias current IO = 100 mA 4 10 mA Bias current IO = 200 mA 6 20 mA IO = 300 mA 9 30 High-level input current, ENABLE ENABLE = 0.8 V 7 25 µA Low-level input current, ENABLE ENABLE = 2 V 0.05 6 µA Standby current ENABLE = 2 V 100 150 µA † Pulse-testing techniques maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.1- µF capacitor across the input and a 10-µF capacitor with equivalent series resistance within the guidelines shown in Figures 3 and 4 on the output. All measurements are taken with a tantalum electrolytic capacitor. Although not normally recommended, an aluminum electrolytic capacitor can be used. Attention must be given its ESR value, particularly at low temperatures. |
Número de pieza similar - TL75LP12QPWLE |
|
Descripción similar - TL75LP12QPWLE |