Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL3845BP Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TL3845BP Datasheet(HTML) 9 Page - Texas Instruments |
9 / 24 page www.ti.com -60 -50 -40 -30 -20 -10 0 0 20 40 60 80 100 120 140 160 Isrc – Source Current – mA TA = -40°C TA = 25°C TA = 125°C 4.8 4.85 4.9 4.95 5 5.05 5.1 5.15 5.2 -55 -30 -5 20 45 70 95 120 145 TA – Temperature – °C 40 60 80 100 120 140 160 180 -55 -30 -5 20 45 70 95 120 145 TA – Temperature – °C VIN = 15 V 0 1 2 3 4 5 6 7 8 9 10 0 100 200 300 400 500 600 700 800 IO – Output Load Current – mA -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 Source Saturation Sink Saturation TA = 25°C TA = -55°C TA = -55°C TA = 25°C TL284xB, TL384xB HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS SLVS610B – AUGUST 2006 – REVISED JULY 2007 TYPICAL CHARACTERISTICS (continued) REFERENCE VOLTAGE REFERENCE VOLTAGE vs vs SOURCE CURRENT TEMPERATURE REFERENCE SHORT-CIRCUIT CURRENT OUTPUT SATURATION VOLTAGE vs vs TEMPERATURE LOAD CURRENT 9 Submit Documentation Feedback |
Número de pieza similar - TL3845BP |
|
Descripción similar - TL3845BP |