Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL4051AQDCKR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TL4051AQDCKR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 24 page www.ti.com TL4051 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS487 – JUNE 2007 ORDERING INFORMATION(1) ORDERABLE TOP-SIDE TA DEVICE GRADE VZ PACKAGE(2) PART NUMBER MARKING(3) Reel of 3000 TL4051AIDBZR SOT-23-3 – DBZ TN2_ Reel of 250 TL4051AIDBZT A grade: ADJ Reel of 3000 TL4051AIDCKR 0.1% initial SC-70 – DCK 97_ accuracy Reel of 250 TL4051AIDCKT and Reel of 3000 TL4051A12IDBZR 50 ppm/ °C SOT-23-3 – DBZ TN8_ temperature Reel of 250 TL4051A12IDBZT 1.2 V coefficient Reel of 3000 TL4051A12IDCKR SC-70 – DCK 9D_ Reel of 250 TL4051A12IDCKT Reel of 3000 TL4051BIDBZR SOT-23-3 – DBZ TN3_ Reel of 250 TL4051BIDBZT B grade: ADJ Reel of 3000 TL4051BIDCKR 0.2% initial SC-70 – DCK 98_ accuracy Reel of 250 TL4051BIDCKT –40 °C to 85°C and Reel of 3000 TL4051B12IDBZR 50 ppm/ °C SOT-23-3 – DBZ TN9_ temperature Reel of 250 TL4051B12IDBZT 1.2 V coefficient Reel of 3000 TL4051B12IDCKR SC-70 – DCK 9E_ Reel of 250 TL4051B12IDCKT Reel of 3000 TL4051CIDBZR SOT-23-3 – DBZ TN4_ Reel of 250 TL4051CIDBZT C grade: ADJ Reel of 3000 TL4051CIDCKR 0.5% initial SC-70 – DCK 99_ accuracy Reel of 250 TL4051CIDCKT and Reel of 3000 TL4051C12IDBZR 50 ppm/ °C SOT-23-3 – DBZ TNU_ temperature Reel of 250 TL4051C12IDBZT 1.2 V coefficient Reel of 3000 TL4051C12IDCKR SC-70 – DCK 9F_ Reel of 250 TL4051C12IDCKT (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (3) The actual top-side marking has one additional character that designates the assembly/test site. 2 Submit Documentation Feedback |
Número de pieza similar - TL4051AQDCKR |
|
Descripción similar - TL4051AQDCKR |