Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL5001MJGB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL5001MJGB
Descripción Electrónicos  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL5001MJGB Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL5001MJGB Datasheet HTML 5Page - Texas Instruments TL5001MJGB Datasheet HTML 6Page - Texas Instruments TL5001MJGB Datasheet HTML 7Page - Texas Instruments TL5001MJGB Datasheet HTML 8Page - Texas Instruments TL5001MJGB Datasheet HTML 9Page - Texas Instruments TL5001MJGB Datasheet HTML 10Page - Texas Instruments TL5001MJGB Datasheet HTML 11Page - Texas Instruments TL5001MJGB Datasheet HTML 12Page - Texas Instruments TL5001MJGB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084F – APRIL 1994 – REVISED JANUARY 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
fosc = 100 kHz (unless otherwise noted)
reference
PARAMETER
TEST CONDITIONS
TL5001Q,
TL5001M
TL5001AQ,
TL5001AM
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
Output voltage
TA = 25°C
COMP connected to FB
0.95
1.00
1.05
0.97
1.00
1.03
V
Output voltage
TA = MIN to MAX
COMP connected to FB
0.93
0.98
1.07
0.94
0.98
1.06
V
Input regulation
TA = MIN to MAX
VCC = 3.6 V to 40 V
2
12.5
2
12.5
mV
Output voltage change with temper-
ature
TA = MIN to MAX
*– 6
2
*6
*– 6
2
*6
%
† All typical values are at TA = 25°C.
*Not production tested.
undervoltage lockout
PARAMETER
TEST CONDITIONS
TL5001Q,
TL5001M
TL5001AQ,
TL5001AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Upper threshold voltage
TA = MIN, 25°C
3.00
3.00
V
Upper threshold voltage
TA = MAX
2.55
2.55
V
Lower threshold voltage
TA = MIN, 25°C
2.8
2.8
V
Lower threshold voltage
TA = MAX
2.0
2.0
V
Hysteresis
TA = MIN to MAX
100
200
100
200
mV
Reset threshold voltage
TA = MIN, 25°C
2.10
2.55
2.10
2.55
V
Reset threshold voltage
TA = MAX
0.35
0.63
0.35
0.63
V
† All typical values are at TA = 25°C.
short-circuit protection
PARAMETER
TEST CONDITIONS
TL5001Q,
TL5001M
TL5001AQ,
TL5001AM
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
SCP threshold voltage
TA = MIN, 25°C
0.95
1.00
1.05
0.97
1.00
1.03
V
SCP threshold voltage
TA = MAX
0.93
0.98
1.07
0.94
0.98
1.06
V
SCP voltage, latched
TA = MIN to MAX
No pullup
140
185
230
140
185
230
mV
SCP voltage, UVLO standby
TA = MIN to MAX
No pullup
60
120
60
120
mV
Equivalent timing resistance
TA = MIN to MAX
185
185
k
SCP comparator 1 threshold voltage
TA = MIN to MAX
1.5
1.5
V
† All typical values are at TA = 25°C.


Número de pieza similar - TL5001MJGB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL5001MJGB TI-TL5001MJGB Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Descripción similar - TL5001MJGB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com