Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC084A Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TLC084A Datasheet(HTML) 6 Page - Texas Instruments |
6 / 53 page TLC080 , TLC081, TLC082 TLC083, TLC084, TLC085, TLC08xA SLOS254F – JUNE 1999 – REVISED DECEMBER 2011 www.ti.com ELECTRICAL CHARACTERISTICS (continued) at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA(1) MIN TYP MAX UNIT 25 °C 1.8 2.5 IDD Supply current (per channel) VO = 2.5 V, No load mA Full range 3.5 Supply current in shutdown 25 °C 125 200 IDD(SHDN) mode (per channel) (TLC080, SHDN ≤ 0.8 V µA Full range 250 TLC083, TLC085) OPERATING CHARACTERISTICS at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA (1) MIN TYP MAX UNIT VO(PP) = 0.8 V, CL = 50 pF, 25 °C 10 16 Positive slew rate at unity SR+ V/ µs gain RL = 10 kΩ Full range 9.5 VO(PP) = 0.8 V, CL = 50 pF, 25 °C 12.5 19 Negative slew rate at unity SR – V/ µs gain RL = 10 kΩ Full range 10 f = 100 Hz 25 °C 12 Equivalent input noise Vn nV/ √Hz voltage f = 1 kHz 25 °C 8.5 Equivalent input noise In f = 1 kHz 25 °C 0.6 fA / √Hz current VO(PP) = 3 V, AV = 1 0.002 Total harmonic distortion THD + N RL = 10 kΩ and 250 Ω, AV = 10 25 °C 0.012 % plus noise f = 1 kHz AV = 100 0.085 t(on) Amplifier turnon time(2) 25 °C 0.15 µs RL = 10 kΩ t(off) Amplifier turnoff time(2) 25 °C 1.3 µs Gain-bandwidth product f = 10 kHz, RL = 10 kΩ 25 °C 10 MHz V(STEP)PP = 1 V, 0.1% 0.18 AV = −1, CL = 10 pF, 0.01% 0.39 RL = 10 kΩ ts Settling time 25 °C µs V(STEP)PP = 1 V, 0.1% 0.18 AV = –1, CL = 47 pF, 0.01% 0.39 RL = 10 kΩ RL = 10 kΩ, CL = 50 pF 32 φm Phase margin 25 °C ° RL = 10 kΩ, CL = 0 pF 40 RL = 10 kΩ, CL = 50 pF 2.2 Gain margin 25 °C dB RL = 10 kΩ, CL = 0 pF 3.3 (1) Full range is 0 °C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C. (2) Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current has reached half its final value. 6 Submit Documentation Feedback Copyright © 1999–2011, Texas Instruments Incorporated Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA |
Número de pieza similar - TLC084A |
|
Descripción similar - TLC084A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |