Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0732510191 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0732510191
Descripción Electrónicos  50 Ohms, SMA Right-Angle Plug, RG-141, RG-303 and RG-58 Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0732510191 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0732510191 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/27/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0732510191
Status:
Active
Overview:
SMA RF Connectors
Description:
50 Ohms, SMA Right-Angle Plug, RG-141, RG-303 and RG-58 Cable, Crimp, Body
Passivated Stainless Steel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73251
Overview
SMA RF Connectors
Product Name
SMA
Style
Cable
UPC
800756015231
Wire/Cable Type
RG-141, RG-303, RG-58
Physical
Gender
Plug
Keying to Mating Part
None
Net Weight
5.361/g
Orientation
Right Angle
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73251-019
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Contained Per -
ED/21/2016 (20 June
2016)
2,4-Di-tert-butyl-6-(5-
chlorobenzotriazol-2-
yl)p
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73251 Series
This document was generated on 07/27/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0732510191

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0732510191 MOLEX-0732510191_V01 Datasheet
60Kb / 1P
   50 Ohms, SMA Right-Angle Plug, RG-141, RG-303 and RG-58 Cable, Crimp, Body Passivated Stainless Steel
More results

Descripción similar - 0732510191

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0732512340 MOLEX11-0732512340 Datasheet
69Kb / 1P
   50 Ohms, SMA Right-Angle Plug, RG-141, RG-303 and RG-58 Cable, Crimp
0732760190 MOLEX11-0732760190 Datasheet
25Kb / 1P
   50 Ohms, N Right-Angle Plug, Crimp, RG-141, RG-303 and RG-58 Cable
0732160050 MOLEX11-0732160050 Datasheet
32Kb / 1P
   50 Ohms, TNC Plug, Right-Angle for RG-141, RG-303 and RG-58 Cable
0731000015 MOLEX11-0731000015 Datasheet
30Kb / 1P
   50 Ohms, BNC Right-Angle Plug, Crimp, RG-141, RG-303 and RG-58 Cable
0732160050 MOLEX-0732160050_V01 Datasheet
33Kb / 1P
   50 Ohms, TNC Plug, Right-Angle for RG-141, RG-303 and RG-58 Cable
0732760190 MOLEX-0732760190_V01 Datasheet
27Kb / 1P
   50 Ohms, N Right-Angle Plug, Crimp, RG-141, RG-303 and RG-58 Cable
0731713120 MOLEX11-0731713120 Datasheet
52Kb / 1P
   50 Ohms, BNC, Plug, Crimp, RG-141, RG-303 and RG-58 Cable,
0732575001 MOLEX11-0732575001 Datasheet
30Kb / 1P
   50 Ohms, N Plug - Clamp, RG-141, RG-303 and RG-58 Cable
0731045003 MOLEX11-0731045003 Datasheet
52Kb / 1P
   50 Ohms, BNC Plug, Crimp, RG-141, RG-303 and RG-58 Cable
0731740093 MOLEX11-0731740093 Datasheet
52Kb / 1P
   50 Ohms, BNC Plug, Crimp, RG-141, RG-303 and RG-58 Cable,
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com