Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0732510860 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0732510860
Descripción Electrónicos  50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0732510860 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0732510860 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/11/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0732510860
Status:
Active
Overview:
SMA RF Connectors
Description:
50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73251
Comments
EMI/RFI grounding ring
Overview
SMA RF Connectors
Product Name
SMA
Style
Pin
UPC
800756030128
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
1.798/g
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Tray
Panel Mount
Yes
Panel Mount Method
Flange
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73251-086
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73251 Series
This document was generated on 07/11/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0732510860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0732510800 MOLEX11-0732510800 Datasheet
54Kb / 1P
   50 Ohms, SMA Flange - 4 Hole - Jack Field Replaceable - EMI/RFI Ground Ring
0732510820 MOLEX11-0732510820 Datasheet
54Kb / 1P
   50 Ohms, SMA Flange - 4 Hole - Jack Field Replaceable - EMI/RFI Ground Ring
0732510830 MOLEX11-0732510830 Datasheet
72Kb / 1P
   50 Ohms, SMA Straight Jack, Bulkhead for RG-402 (.141) Cable, Brass Body
0732510830 MOLEX-0732510830_V01 Datasheet
62Kb / 1P
   50 Ohms, SMA Straight Jack, Bulkhead for RG-402 (.141) Cable, Brass Body, Gold Plated
0732510840 MOLEX11-0732510840 Datasheet
54Kb / 1P
   50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
More results

Descripción similar - 0732510860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
73251-0900 MOLEX11-73251-0900 Datasheet
31Kb / 1P
   50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
0732510840 MOLEX11-0732510840 Datasheet
54Kb / 1P
   50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
0732510900 MOLEX11-0732510900 Datasheet
54Kb / 1P
   50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
73251-0840 MOLEX11-73251-0840 Datasheet
31Kb / 1P
   50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
73251-0860 MOLEX11-73251-0860 Datasheet
31Kb / 1P
   50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
73251-0880 MOLEX11-73251-0880 Datasheet
31Kb / 1P
   50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
0732510880 MOLEX11-0732510880 Datasheet
54Kb / 1P
   50 Ohms, SMA ll-Flange - 4 Hole - Jack Field Replaceable -EMI/RFI Ground Ring
73251-0980 MOLEX11-73251-0980 Datasheet
31Kb / 1P
   50 Ohms, SMA ll-Flange - Two Hole - Jack Field Replaceable -EMI/RFI Ground Ring
0732510980 MOLEX11-0732510980 Datasheet
61Kb / 1P
   50 Ohms, SMA ll-Flange - Two Hole - Jack Field Replaceable -EMI/RFI Ground Ring
0732511000 MOLEX11-0732511000 Datasheet
61Kb / 1P
   50 Ohms, SMA ll-Flange - Two Hole - Jack Field Replaceable -EMI/RFI Ground Ring
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com