Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV841QMG/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV841QMG/NOPB
Descripción Electrónicos  LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV841QMG/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV841QMG/NOPB Datasheet HTML 5Page - Texas Instruments LMV841QMG/NOPB Datasheet HTML 6Page - Texas Instruments LMV841QMG/NOPB Datasheet HTML 7Page - Texas Instruments LMV841QMG/NOPB Datasheet HTML 8Page - Texas Instruments LMV841QMG/NOPB Datasheet HTML 9Page - Texas Instruments LMV841QMG/NOPB Datasheet HTML 10Page - Texas Instruments LMV841QMG/NOPB Datasheet HTML 11Page - Texas Instruments LMV841QMG/NOPB Datasheet HTML 12Page - Texas Instruments LMV841QMG/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TEMPERATURE (°C)
200
150
100
50
0
-50
-100
-150
-200
-50
-25
0
25
50
75
100
125
3.3V
5V
±5V
OUTPUT SWING FROM RAIL (mV)
140
130
120
110
100
90
0
100
200
300
400
500
RL = 600Ö
RL = 10 k:
RL = 2 k:
VSUPPLY (V)
200
150
100
50
0
-50
-100
-150
-200
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-6
-4
-2
0
2
4
6
-40°C
25°C
85°C
125°C
VS = ±5V
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-1
0
1
2
3
4
-40°C
25°C
85°C
125°C
VS = 3.3V
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-1
0
1
2
3
4
5
6
-40°C
25°C
85°C
125°C
VS = 5.0V
9
LMV841, LMV842, LMV844
LMV841-Q1, LMV842-Q1, LMV844-Q1
www.ti.com
SNOSAT1H – OCTOBER 2006 – REVISED JULY 2016
Product Folder Links: LMV841 LMV842 LMV844 LMV841-Q1 LMV842-Q1 LMV844-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
At TA = 25°C, RL = 10 kΩ, VS = 5 V. Unless otherwise specified.
Figure 1. VOS vs VCM Over Temperature at 3.3 V
Figure 2. VOS vs VCM Over Temperature at 5 V
Figure 3. VOS vs VCM Over Temperature at ±5 V
Figure 4. VOS vs Supply Voltage
Figure 5. VOS vs Temperature
Figure 6. DC Gain vs VOUT


Número de pieza similar - LMV841QMG/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV841QMG/NOPB TI-LMV841QMG/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
More results

Descripción similar - LMV841QMG/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841QMG TI-LMV841QMG Datasheet
1Mb / 37P
[Old version datasheet]   LMV841/LMV841Q/LMV842/LMV842Q/LMV844/LMV844Q CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com