Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV7219M5X Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV7219M5X
Descripción Electrónicos  LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M5X Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV7219M5X Datasheet HTML 5Page - Texas Instruments LMV7219M5X Datasheet HTML 6Page - Texas Instruments LMV7219M5X Datasheet HTML 7Page - Texas Instruments LMV7219M5X Datasheet HTML 8Page - Texas Instruments LMV7219M5X Datasheet HTML 9Page - Texas Instruments LMV7219M5X Datasheet HTML 10Page - Texas Instruments LMV7219M5X Datasheet HTML 11Page - Texas Instruments LMV7219M5X Datasheet HTML 12Page - Texas Instruments LMV7219M5X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
LMV7219
www.ti.com
SNOS458I – APRIL 2000 – REVISED JUNE 2016
Product Folder Links: LMV7219
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = 5 V, CL = 10 pF, TA = 25°C
VS = 5 V
Figure 7. Sinking Current vs. Output Voltage
VS = 2.7 V
VOD = 15 mV
Figure 8. Propagation Delay vs. Temperature
VS = 5V
VOD = 15 mV
Figure 9. Propagation Delay vs. Temperature
VS = 5 V
VOD = 15 mV
Figure 10. Propagation Delay vs. Capacitive Load
Figure 11. Propagation Delay vs. Input Overdrive
VS = 2.7 V
CL = 10 pF
VOD = 15 mV
Figure 12. Propagation Delay (tPD)


Número de pieza similar - LMV7219M5X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV7219M5X NSC-LMV7219M5X Datasheet
282Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
LMV7219M5X NSC-LMV7219M5X Datasheet
704Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
logo
Texas Instruments
LMV7219M5X TI1-LMV7219M5X Datasheet
1Mb / 25P
[Old version datasheet]   Comparator with Rail-to-Rail Output
More results

Descripción similar - LMV7219M5X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
[Old version datasheet]   Comparator with Rail-to-Rail Output
logo
National Semiconductor ...
LMV7219 NSC-LMV7219 Datasheet
282Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
LMV7219 NSC-LMV7219_04 Datasheet
704Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
   Rail-to-rail 1.1 V nanopower comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-EP TI1-TLV277X-EP Datasheet
1Mb / 42P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
Texas Instruments
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
logo
Analog Devices
AD5663 AD-AD5663 Datasheet
730Kb / 24P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com