Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX5251 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LMX5251
Descripción Electrónicos  LMX5251 Bluetooth??CMOS Radio
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMX5251 Datasheet(HTML) 3 Page - Texas Instruments

  LMX5251 Datasheet HTML 1Page - Texas Instruments LMX5251 Datasheet HTML 2Page - Texas Instruments LMX5251 Datasheet HTML 3Page - Texas Instruments LMX5251 Datasheet HTML 4Page - Texas Instruments LMX5251 Datasheet HTML 5Page - Texas Instruments LMX5251 Datasheet HTML 6Page - Texas Instruments LMX5251 Datasheet HTML 7Page - Texas Instruments LMX5251 Datasheet HTML 8Page - Texas Instruments LMX5251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
25
28
29
30
31
32
33
34
35
36
LMX5251
NC
NC
BBP_CLOCK
TX_RX_DATA
TX_RX_SYNC
CE
CCB_CLOCK
CCB_DATA
CCB_LATCH
RESET#
NC
NC
NC
VDD_LNA
RF_PORT_RX
VDD_MIX
VDD_FILTER
VDD_IF1
RF_PORT_TX_A
VDD_PA
RF_PORT_TX_B
VDD_ANA_IN
VDD_ANA_OUT
NC
(Top View)
27
26
LMX5251
www.ti.com
SNOSCW3A – FEBRUARY 2004 – REVISED APRIL 2013
CONNECTION DIAGRAM
(TOP VIEW)
NOTE: Ground pad layout under ground slug of LMX5251 is required. These are connected by vias through all layers to
ground plane. No pins on device are ground pins so center slug must be grounded. See detail in Figure 27
"Component Placement Layer 1 Ground Pad Detail".
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
NC
1, 12, 13,
No Connect. Place pin but do not connect to VCC or Ground.
25, 26, 35,
36, 41,
45–48
VDD_LNA
2
PWR
Power Supply for Analog Circuitry. Must be connected to the VDD_ANA_OUT pin (pin 11)
or external supply. An RF bypass capacitor should be placed as close as possible to this pin
and be connected to Ground.
RF_PORT_RX
3
I
RF Input to Receiver.
VDD_MIX
4
PWR
Power Supply for Analog Circuitry. Must be connected to the VDD_ANA_OUT pin (pin 11)
or external supply. An RF bypass capacitor should be placed as close as possible to this pin
and be connected to Ground.
VDD_FILTER
5
PWR
Power Supply for Analog Circuitry. Must be connected to the VDD_ANA_OUT pin (pin 11)
or external supply. An RF bypass capacitor should be placed as close as possible to this pin
and be connected to Ground.
VDD_IF1
6
PWR
Power Supply for Analog Circuitry. Must be connected to the VDD_ANA_OUT pin (pin 11)
or external supply. An RF bypass capacitor should be placed as close as possible to this pin
and be connected to Ground.
RF_PORT_TX_A
7
O
Transmit Positive Differential Output. Typically connected along with RF_PORT_TX_B to
a balun and fed to the antenna.
VDD_PA
8
PWR
Power Supply for Analog Circuitry. Must be connected to the VDD_ANA_OUT pin (pin 11)
or external supply. An RF bypass capacitor should be placed as close as possible to this pin
and be connected to Ground.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :LMX5251


Número de pieza similar - LMX5251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX5251 TI-LMX5251_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMX5251 Bluetooth??CMOS Radio
More results

Descripción similar - LMX5251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX5251 TI-LMX5251_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMX5251 Bluetooth??CMOS Radio
LMX5252 TI-LMX5252_15 Datasheet
1Mb / 41P
[Old version datasheet]   Bluetooth??Radio
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
logo
Freescale Semiconductor...
MC72000 FREESCALE-MC72000 Datasheet
1Mb / 156P
   Integrated Bluetooth Radio
logo
Infineon Technologies A...
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
   Bluetooth Radio Transceiver
2002
logo
NXP Semiconductors
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
   Bluetooth radio module
2000 Oct 03
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
   BLUETOOTH RADIO TRANSCEIVER
logo
List of Unclassifed Man...
W7020 ETC1-W7020 Datasheet
324Kb / 36P
   Bluetooth Radio Module
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
logo
List of Unclassifed Man...
PT8R1002 ETC-PT8R1002 Datasheet
516Kb / 26P
   CMOS Zero-IF Radio Transceiver IC for Bluetooth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com