Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ10500 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZ10500
Descripción Electrónicos  LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ10500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMZ10500 Datasheet HTML 7Page - Texas Instruments LMZ10500 Datasheet HTML 8Page - Texas Instruments LMZ10500 Datasheet HTML 9Page - Texas Instruments LMZ10500 Datasheet HTML 10Page - Texas Instruments LMZ10500 Datasheet HTML 11Page - Texas Instruments LMZ10500 Datasheet HTML 12Page - Texas Instruments LMZ10500 Datasheet HTML 13Page - Texas Instruments LMZ10500 Datasheet HTML 14Page - Texas Instruments LMZ10500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LMZ10500
www.ti.com
SNVS723F – OCTOBER 2011 – REVISED FEBRUARY 2015
Feature Description (continued)
Since the output current is limited during normal startup by the softstart function, the current charging the output
capacitor is also limited. This results in a smooth VOUT ramp up to nominal voltage. However, using excessively
large output capacitance or VCON capacitance under normal conditions can prevent the output voltage from
reaching 0.375 V at the end of the startup sequence. In such cases the module will maintain the described above
hiccup mode and the output voltage will not ramp up to final value. To cause this condition, one would have to
use unnecessarily large output capacitance for 650mA load applications. See the Input and Output Capacitor
Selection section for guidance on maximum capacitances for different output voltage settings.
7.3.4 Thermal Overload Protection
The junction temperature of the LMZ10500 should not be allowed to exceed its maximum operating rating of
125°C. Thermal protection is implemented by an internal thermal shutdown circuit which activates at 150°C (typ).
When this temperature is reached, the device enters a low power standby state. In this state switching remains
off causing the output voltage to fall. Also, the VCON capacitor is discharged to SGND. When the junction
temperature falls back below 130°C (typ) normal startup occurs and VOUT rises smoothly from 0 V. Applications
requiring maximum output current may require derating at elevated ambient temperature. See the Typical
Characteristics section for thermal derating plots for various output voltages.
7.4 Device Functional Modes
7.4.1 Circuit Operation
The LMZ10500 is a synchronous Buck power module using a PFET for the high side switch and an NFET for the
synchronous rectifier switch. The output voltage is regulated by modulating the PFET switch on-time. The circuit
generates a duty-cycle modulated rectangular signal. The rectangular signal is averaged using a low pass filter
formed by the integrated inductor and an output capacitor. The output voltage is equal to the average of the duty-
cycle modulated rectangular signal. In PWM mode, the switching frequency is constant. The energy per cycle to
the load is controlled by modulating the PFET on-time, which controls the peak inductor current. In current mode
control architecture, the inductor current is compared with the slope compensated output of the error amplifier. At
the rising edge of the clock, the PFET is turned ON, ramping up the inductor current with a slope of (VIN -
VOUT)/L. The PFET is ON until the current signal equals the error signal. Then the PFET is turned OFF and
NFET is turned ON, ramping down the inductor current with a slope of VOUT /L. At the next rising edge of the
clock, the cycle repeats. An increase of load pulls the output voltage down, resulting in an increase of the error
signal. As the error signal goes up, the peak inductor current is increased, elevating the average inductor current
and responding to the heavier load. To ensure stability, a slope compensation ramp is subtracted from the error
signal and internal loop compensation is provided.
7.4.2 Input Undervoltage Detection
The LMZ10500 implements an under voltage lock out (UVLO) circuit to ensure proper operation during startup,
shutdown and input supply brownout conditions. The circuit monitors the voltage at the VIN pin to ensure that
sufficient voltage is present to bias the regulator. If the under voltage threshold is not met, all functions of the
controller are disabled and the controller remains in a low power standby state.
7.4.3 Shutdown Mode
To shutdown the LMZ10500, pull the EN pin low (< 0.5 V). In the shutdown mode all internal circuits are turned
OFF.
7.4.4 EN Pin Operation
The EN pin is internally pulled up to VIN through a 790 kΩ (typ.) resistor. This allows the nano module to be
enabled by default when the EN pin is left floating. In such cases VIN will set EN high when VIN reaches 1.2 V. As
the input voltage continues to rise, operation will start once VIN exceeds the under-voltage lockout (UVLO)
threshold. To set EN high externally, pull it up to 1.2 V or higher. Note that the voltage on EN must remain at less
than VIN+ 0.2 V due to absolute maximum ratings of the device.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ10500


Número de pieza similar - LMZ10500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500SE NSC-LMZ10500SE Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500SE TI1-LMZ10500SE Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500SEE NSC-LMZ10500SEE Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results

Descripción similar - LMZ10500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com