Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC251Y Datasheet(PDF) 4 Page - Texas Instruments |
|
TLC251Y Datasheet(HTML) 4 Page - Texas Instruments |
4 / 22 page TLC251, TLC251A, TLC251B, TLC251Y LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS SLOS001F – JULY 1983 – REVISED MARCH 2001 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (see Note 1) 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (any input) – 0.3 V to 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of short circuit at (or below) 25 °C free-air temperature (see Note 3) unlimited . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to VDD – /GND. 2. Differential voltages are at IN+ with respect to IN –. 3. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure the maximum dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 70°C POWER RATING D 725 mW 5.8 mW/ °C 464 mW P 1000 mW 8.0 mW/ °C 640 mW recommended operating conditions MIN MAX UNIT Supply voltage, VDD 1.4 16 V VDD = 1.4 V 0 0.2 Common mode input voltage VIC VDD = 5 V – 0.2 4 V Common-mode input voltage, VIC VDD = 10 V – 0.2 9 V VDD = 16 V – 0.2 14 Operating free-air temperature, TA 0 70 °C Bias-select voltage See Application Information |
Número de pieza similar - TLC251Y |
|
Descripción similar - TLC251Y |