Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2274AM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2274AM
Descripción Electrónicos  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AM Datasheet(HTML) 1 Page - Texas Instruments

  TLC2274AM Datasheet HTML 1Page - Texas Instruments TLC2274AM Datasheet HTML 2Page - Texas Instruments TLC2274AM Datasheet HTML 3Page - Texas Instruments TLC2274AM Datasheet HTML 4Page - Texas Instruments TLC2274AM Datasheet HTML 5Page - Texas Instruments TLC2274AM Datasheet HTML 6Page - Texas Instruments TLC2274AM Datasheet HTML 7Page - Texas Instruments TLC2274AM Datasheet HTML 8Page - Texas Instruments TLC2274AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
|VDD ±| − Supply Voltage − V
10
8
6
4
4
6
8
12
14
16
10
12
14
16
TA = 25°C
IO = ± 50 µA
IO = ± 500 µA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
1
1 Features
1
Output Swing Includes Both Supply Rails
Low Noise: 9 nV/
√Hz Typical at f = 1 kHz
Low-Input Bias Current: 1-pA Typical
Fully-Specified for Both Single-Supply and Split-
Supply Operation
Common-Mode Input Voltage Range Includes
Negative Rail
High-Gain Bandwidth: 2.2-MHz Typical
High Slew Rate: 3.6-V/
μs Typical
Low Input Offset Voltage: 950
μV Maximum at
TA = 25°C
Macromodel Included
Performance Upgrades for the TLC272 and
TLC274
Available in Q-Temp Automotive
2 Applications
White Goods (Refrigerators, Washing Machines)
Hand-held Monitoring Systems
Configuration Control and Print Support
Transducer Interfaces
Battery-Powered Applications
3 Description
The TLC2272 and TLC2274 are dual and quadruple
operational amplifiers from Texas Instruments. Both
devices exhibit rail-to-rail output performance for
increased dynamic range in single- or split-supply
applications. The TLC227x family offers 2 MHz of
bandwidth and 3 V/
μs of slew rate for higher-speed
applications. These devices offer comparable AC
performance while having better noise, input offset
voltage, and power dissipation than existing CMOS
operational amplifiers. The TLC227x has a noise
voltage of 9 nV/
√Hz, two times lower than competitive
solutions.
The TLC227x family of devices, exhibiting high input
impedance and low noise, is excellent for small-signal
conditioning for high-impedance sources such as
piezoelectric transducers. Because of the micropower
dissipation levels, these devices work well in hand-
held monitoring and remote-sensing applications. In
addition, the rail-to-rail output feature, with single- or
split-supplies, makes this family a great choice when
interfacing with analog-to-digital converters (ADCs).
For precision applications, the TLC227xA family is
available with a maximum input offset voltage of
950
μV. This family is fully characterized at 5 V and
±5 V.
The TLC227x also make great upgrades to the
TLC27x in standard designs. They offer increased
output dynamic range, lower noise voltage, and lower
input offset voltage. This enhanced feature set allows
them to be used in a wider range of applications. For
applications that require higher output drive and wider
input voltage range, see the TLV2432 and TLV2442
devices.
If the design requires single amplifiers, see the
TLV2211, TLV2221 and TLV2231 family. These
devices are single rail-to-rail operational amplifiers in
the SOT-23 package. Their small size and low power
consumption make them ideal for high density,
battery-powered equipment.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLC2272
TSSOP (8)
4.40 mm × 3.00 mm
SOIC (8)
3.91 mm × 4.90 mm
SO (8)
5.30 mm × 6.20 mm
PDIP (8)
6.35 mm × 9.81 mm
TLC2274
TSSOP (14)
4.40 mm × 5.00 mm
SOIC (14)
3.91 mm × 8.65 mm
SO (14)
5.30 mm × 10.30
mm
PDIP (14)
6.35 mm × 19.30
mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Maximum Peak-to-Peak Output Voltage vs
Supply Voltage


Número de pieza similar - TLC2274AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2274AM TI-TLC2274AM Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AM TI1-TLC2274AM Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2274AM TI1-TLC2274AM Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
TLC2274AM TI-TLC2274AM Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results

Descripción similar - TLC2274AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com