Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2551CDGK Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2551CDGK
Descripción Electrónicos  5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2551CDGK Datasheet(HTML) 5 Page - Texas Instruments

  TLC2551CDGK Datasheet HTML 1Page - Texas Instruments TLC2551CDGK Datasheet HTML 2Page - Texas Instruments TLC2551CDGK Datasheet HTML 3Page - Texas Instruments TLC2551CDGK Datasheet HTML 4Page - Texas Instruments TLC2551CDGK Datasheet HTML 5Page - Texas Instruments TLC2551CDGK Datasheet HTML 6Page - Texas Instruments TLC2551CDGK Datasheet HTML 7Page - Texas Instruments TLC2551CDGK Datasheet HTML 8Page - Texas Instruments TLC2551CDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TLC2551, TLC2552, TLC2555
5-V, LOW-POWER, 12-BIT, 175/360 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS276D – MARCH 2000 – REVISED MAY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
control and timing (continued)
D Control via both CS and FS—The MSB is presented after the falling edge of CS. The falling edge of FS starts
the sampling cycle. The MSB may be read on the first falling SCLK edge after FS is low. Output data changes
on the rising edge of SCLK. This control via CS and FS is typically used for multiple devices connected to
a TMS320 DSP.
TLC2552 and TLC2555
All control is provided using CS (pin 1) on the TLC2552 and TLC2555. The cycle starts on the falling edge
transition provided by either a CS signal from an SPI microcontroller or FS signal from a TMS320 DSP. Timing
is similar to the TLC2551, with control via CS only.
TLC2552 channel MUX reset cycle
The TLC2552 uses CS to reset the analog input multiplexer (MUX). A short active CS cycle (4 to 7 SCLKs) resets
the MUX to AIN0. When the CS cycle time is greater than 7 SCLKs in duration, as is the case for a complete
conversion cycle, (CS is low for 16 SCLKs plus maximum conversion time), the MUX toggles to the next channel
(see Figure 4 for timing).
sampling
The converter sample time is 12 SCLKs in duration, beginning on the fifth SCLK received after the converter
has received a high-to-low CS transition (or a high-to-low FS transition for the TLC2551).
conversion
The TLC2551, TLC2552, and TLC2555 completes conversion in the following manner. The conversion starts
after the 16th SCLK falling edge during the cycle and requires 28 SCLKs to complete. Enough time for
conversion should be allowed before a rising CS or FS edge so that no conversion is terminated prematurely.
TLC2552 input channel selection is toggled on each rising CS edge. The MUX channel can be reset to AIN0
via CS as described earlier and in Figure 4. The input is sampled for 12 SCLKs and converted. The result is
presented on SDO during the next cycle. Care should also be taken to allow enough time between samples to
avoid prematurely terminating the cycle, which occurs on a rising CS transition if the conversion is not complete.
The SDO data presented during a cycle is the result of the conversion of the sample taken during the previous
cycle.


Número de pieza similar - TLC2551CDGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2551CDGK TI-TLC2551CDGK Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Descripción similar - TLC2551CDGK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com