Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2274AQDRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2274AQDRQ1
Descripción Electrónicos  Advanced LinCMOS Rail-To-Rail Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AQDRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TLC2274AQDRQ1 Datasheet HTML 1Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 2Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 3Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 4Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 5Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 6Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 7Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 8Page - Texas Instruments TLC2274AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
TLC2272-Q1, TLC2272A-Q1, TLC2274-Q1, TLC2274A-Q1
SGLS007F – FEBRUARY 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VDD+ and VDD−.
(3)
Differential voltages are at IN+ with respect to IN–. Excessive current will flow if input is brought below VDD– − 0.3 V.
(4)
The output may be shorted to either supply. Temperature or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VDD+
(2)
8
V
VDD
(2)
–8
V
Differential input voltage, VID
(3)
±16
V
Input voltage, VI(any input)
(2)
VDD− − 0.3
VDD+
V
Input current, II (any input)
±5
mA
Output current, IO
±50
mA
Total current into VDD+
±50
mA
Total current out of VDD–
±50
mA
Duration of short-circuit current at (or below) 25°C(4)
Unlimited
Operating free-air temperature range, TA
–40
125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D or PW package
260
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD±
Supply voltage
±2.2
±8
V
VI
Input voltage
VDD−
VDD+ −1.5
V
VIC
Common-mode input voltage
VDD−
VDD+ −1.5
V
TA
Operating free-air temperature
−40
125
°C


Número de pieza similar - TLC2274AQDRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2274AQDRQ1 TI-TLC2274AQDRQ1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2274AQDRQ1 TI1-TLC2274AQDRQ1 Datasheet
741Kb / 39P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Descripción similar - TLC2274AQDRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com