Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2274AQPWRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2274AQPWRQ1
Descripción Electrónicos  Advanced LinCMOS Rail-To-Rail Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AQPWRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC2274AQPWRQ1 Datasheet HTML 2Page - Texas Instruments TLC2274AQPWRQ1 Datasheet HTML 3Page - Texas Instruments TLC2274AQPWRQ1 Datasheet HTML 4Page - Texas Instruments TLC2274AQPWRQ1 Datasheet HTML 5Page - Texas Instruments TLC2274AQPWRQ1 Datasheet HTML 6Page - Texas Instruments TLC2274AQPWRQ1 Datasheet HTML 7Page - Texas Instruments TLC2274AQPWRQ1 Datasheet HTML 8Page - Texas Instruments TLC2274AQPWRQ1 Datasheet HTML 9Page - Texas Instruments TLC2274AQPWRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
TLC2272-Q1, TLC2272A-Q1, TLC2274-Q1, TLC2274A-Q1
SGLS007F – FEBRUARY 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
TLC2272-Q1 and TLC2272A-Q1 Electrical Characteristics VDD = 5 V (continued)
at specified free-air temperature, VDD = 5 V; TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
kSVR
Supply-voltage rejection ratio
(
ΔVDD / ΔVIO)
VDD = 4.4 V to 16 V, VIC = VDD / 2, no load
TA = 25°C
80
95
dB
Full Range(1)
80
IDD
Supply currrent
VO = 2.5 V, no load
TA = 25°C
2.2
3
mA
Full Range(1)
3
SR
Slew rate at unity gain
VO = 0.5 V to 2.5 V, RL = 10 kΩ
(3),
CL = 100 pF
(3)
TA = 25°C
2.3
3.6
V/µs
Full Range(1)
1.7
Vn
Equivalent input noise voltage
f = 10 Hz
50
nV/
√Hz
f = 1 kHz
9
VNPP
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 1 Hz
1
µV
f = 0.1 Hz to 10 Hz
1.4
In
Equivalent input noise current
0.6
fA/
√Hz
THD+N Total harmonic distortion + noise
VO = 0.5 V to 2.5 V, f = 20 kHz, RL = 10 kΩ
(3)
AV = 1
0.0013%
AV = 10
0.004%
AV = 100
0.03%
Gain-bandwidth product
f = 10 kHz, RL = 10 kΩ
(3), C
L = 100 pF
(3)
2.18
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 2 V, AV = 1, RL = 10 kΩ
(3), C
L = 100 pF
(3)
1
MHz
ts
Settling time
AV = –1, RL = 10 kΩ
(3),
Step = 0.5 V to 2.5 V, CL = 100 pF
(3)
To 0.1%
1.5
µs
To 0.01%
2.6
φm
Phase margin at unity gain
RL = 10 kΩ
(3), C
L = 100 pF
(3)
50°
Gain margin
RL = 10 kΩ
(3), C
L = 100 pF
(3)
10
dB
(1)
TA = –40°C to 125°C.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
6.6 TLC2272-Q1 and TLC2272A-Q1 Electrical Characteristics VDD± = ±5 V
at specified free-air temperature, VDD± = ±5 V; TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = 0 V, VO = 0 V,
RS = 50 Ω
TLC2272-Q1
TA = 25°C
300
2500
µV
TLC2272A-Q1
300
950
TLC2272-Q1
Full Range(1)
3000
TLC2272A-Q1
1500
αVIO
Temperature coefficient of
input offset voltage
VIC = 0 V, VO = 0 V, RS = 50 Ω
2
μV/°C
Input offset voltage long-term drift(2)
VIC = 0 V, VO = 0 V, RS = 50 Ω
0.002
μV/mo
IIO
Input offset current
VIC = 0 V, VO = 0 V, RS = 50 Ω
TA = 25°C
0.5
60
pA
Full Range(1)
800
IIB
Input bias current
VIC = 0 V, VO = 0 V, RS = 50 Ω
TA = 25°C
1
60
pA
Full Range(1)
800
VICR
Common-mode input voltage
RS = 50 Ω; |VIO | ≤ 5 mV
TA = 25°C
–5.3
0
4
V
Full Range(1)
–5
0
3.5
VOM+
Maximum positive peak
output voltage
IO = −20 μA
4.99
V
IO = −200 μA
TA = 25°C
4.85
4.93
Full Range(1)
4.85
IO = −1 mA
TA = 25°C
4.25
4.65
Full Range(1)
4.25
VOM-
Maximum negative
peak output voltage
VIC = 0 V
IO = 50 μA
–4.99
V
IO = 500 μA
TA = 25°C
–4.85
–4.91
Full Range(1)
–4.85
IO = 5 mA
TA = 25°C
–3.5
–4.1
Full Range(1)
–3.5


Número de pieza similar - TLC2274AQPWRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2274AQPWRQ1 TI-TLC2274AQPWRQ1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2274AQPWRQ1 TI1-TLC2274AQPWRQ1 Datasheet
741Kb / 39P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Descripción similar - TLC2274AQPWRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com