Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2274AM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2274AM
Descripción Electrónicos  Advanced LinCMOS Rail-To-Rail Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AM Datasheet(HTML) 2 Page - Texas Instruments

  TLC2274AM Datasheet HTML 1Page - Texas Instruments TLC2274AM Datasheet HTML 2Page - Texas Instruments TLC2274AM Datasheet HTML 3Page - Texas Instruments TLC2274AM Datasheet HTML 4Page - Texas Instruments TLC2274AM Datasheet HTML 5Page - Texas Instruments TLC2274AM Datasheet HTML 6Page - Texas Instruments TLC2274AM Datasheet HTML 7Page - Texas Instruments TLC2274AM Datasheet HTML 8Page - Texas Instruments TLC2274AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
TLC2272-Q1, TLC2272A-Q1, TLC2274-Q1, TLC2274A-Q1
SGLS007F – FEBRUARY 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
TLC2272-Q1 and TLC2272A-Q1 Electrical
Characteristics VDD = 5 V .......................................... 5
6.6
TLC2272-Q1 and TLC2272A-Q1 Electrical
Characteristics VDD± = ±5 V....................................... 6
6.7
TLC2274-Q1 and TLC2274A-Q1 Electrical
Characteristics VDD = 5 V .......................................... 8
6.8
TLC2274-Q1 and TLC2274A-Q1 Electrical
Characteristics VDD± = ±5 V....................................... 9
6.9
Typical Characteristics ............................................ 11
7
Detailed Description ............................................ 22
7.1
Overview ................................................................. 22
7.2
Functional Block Diagram ....................................... 22
7.3
Feature Description................................................. 22
7.4
Device Functional Modes........................................ 22
8
Application and Implementation ........................ 23
8.1
Application Information............................................ 23
8.2
Typical Application .................................................. 24
9
Power Supply Recommendations ...................... 27
10
Layout................................................................... 27
10.1
Layout Guidelines ................................................. 27
10.2
Layout Examples................................................... 27
11
Device and Documentation Support ................. 28
11.1
Documentation Support ........................................ 28
11.2
Related Links ........................................................ 28
11.3
Community Resources.......................................... 28
11.4
Trademarks ........................................................... 28
11.5
Electrostatic Discharge Caution ............................ 28
11.6
Glossary ................................................................ 28
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (January 2012) to Revision F
Page
Added Pin Configuration and Functions section, Feature Description section, Device Functional Modes, Application
and Implementation section, Power Supply Recommendations section, Layoutsection, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
Added ESD ratings table ........................................................................................................................................................ 4
Changes from Revision D (March 2009) to Revision E
Page
Deleted ESD ratings table ...................................................................................................................................................... 4


Número de pieza similar - TLC2274AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2274AM TI-TLC2274AM Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AM TI1-TLC2274AM Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2274AM TI1-TLC2274AM Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AM TI-TLC2274AM Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results

Descripción similar - TLC2274AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com