Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU10-1311R6BL Datasheet(PDF) 2 Page - Coilcraft lnc.

No. de pieza BU10-1311R6BL
Descripción Electrónicos  Common Mode Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BU10-1311R6BL Datasheet(HTML) 2 Page - Coilcraft lnc.

  BU10-1311R6BL Datasheet HTML 1Page - Coilcraft lnc. BU10-1311R6BL Datasheet HTML 2Page - Coilcraft lnc. BU10-1311R6BL Datasheet HTML 3Page - Coilcraft lnc. BU10-1311R6BL Datasheet HTML 4Page - Coilcraft lnc. BU10-1311R6BL Datasheet HTML 5Page - Coilcraft lnc. BU10-1311R6BL Datasheet HTML 6Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 260-2
Document 260-2 Revised 08/06/13
Common Mode Chokes - BU9, BU9H Series
Frequency range
Inductance2
Inductance difference
Impedance max
@ 75% of
DCR1
Current
L1,L2
L1 - L2
Part number
(kOhms)
impedance max
(Ohms)
max (Aac)
min (mH)
max (µH)
BU9-103R25BL
60 @ 220 kHz
200 – 240 kHz
3.5
0.25
10.0
200
BU9-2820R5BL
53 @ 410 kHz
310 – 430 kHz
1.0
0.50
2.8
50
BU9-1320R7BL
52 @ 660 kHz
600 – 700 kHz
0.5
0.70
1.3
50
BU9-6011R0BL
36 @ 1300 kHz
1200 – 1400 kHz
0.2
1.00
0.6
25
BU9-2011R6BL
5.4 @ 1500 kHz
900 – 2100 kHz
0.1
1.60
0.2
25
BU9H-103R25BL
60 @ 220 kHz
200 – 240 kHz
3.5
0.25
10.0
200
BU9H-2820R5BL
53 @ 410 kHz
310 – 430 kHz
1.0
0.50
2.8
50
BU9H-1320R7BL
52 @ 660 kHz
600 – 700 kHz
0.5
0.70
1.3
50
BU9H-6011R0BL
36 @ 1300 kHz
1200 – 1400 kHz
0.2
1.00
0.6
25
BU9H-2011R6BL
5.4 @ 1500 kHz
900 – 2100 kHz
0.1
1.60
0.2
25
Typical Attenuation
Typical Impedance
BU9
BU9H
3
3
2
2
2
4
4
4
1
1
1
1
Dot
indicates
pin 1
0.69
17,5
max
max
0.67
17,0
0.157 ±0.04
4,0 ±1,0
max
0.43
11,0
2
1
3
4
0.31 ±0.02
8,0 ±0,5
0.31 ±0.02
8,0 ±0,5
0.276 ±0.02
7,0 ±0,5
0.276 ±0.02
7,0 ±0,5
Recommended
Board Layout
0.040
1,0
0.024
0,6
3
3
2
2
2
4
4
4
1
1
1
1
0.024
0,6
Dot
indicates
pin 1
0.69
17,5
max
max
0.49
12,5
0.157 ±0.04
4,0 ±1,0
max
0.61
15,5
max
0.43
11,0
2
1
3
4
0.31 ±0.02
8,0 ±0,5
0.31 ±0.02
8,0 ±0,5
0.276 ±0.02
7,0 ±0,5
0.276 ±0.02
7,0 ±0,5
0.040
1,0
Recommended
Board Layout
1. DCR is per winding
2. Inductance tested at 1 kHz, 1Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent.
3. 1000Vrms typical isolation between windings.
4. Electrical specifications at 25°C.


Número de pieza similar - BU10-1311R6BL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
BU10-10 FRONTIER-BU10-10 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-10F FRONTIER-BU10-10F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Descripción similar - BU10-1311R6BL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com