Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0603HL-152XJR_ Datasheet(Hoja de datos) 2 Page - Coilcraft lnc.

No. de Pieza. 0603HL-152XJR_
Descripción  Chip Inductors
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo 

   
 2 page
background image
Document 894-2
Document 894-2 Revised 10/12/15
Chip Inductors– 0603HL Series
Typical L vs Frequency
Typical Q vs Frequency
A
B
C
max
max
max
D
E
F
G
H
I
J
0.071 0.047 0.037 0.010 0.030 0.011 0.038 0.040 0.025 0.025 inches
1,80
1,19
0,94
0,25
0,76
0,28
0,97
1,02 0,64 0,64 mm
Typical Impedance vs Frequency
3300 nH
1800 nH
1000 nH
560 nH
390 nH
100
1000
10,000
110
1000
100
Frequency (MHz)
3300 nH
1800 nH
1000 nH
560 nH
390 nH
0
10
5
15
25
20
110
1000
100
Frequency (MHz)
3300 nH
1800 nH
1000 nH 560 nH
390 nH
0.01
0.1
1
100
10
10
1000
100
Frequency (MHz)
A
B
overall
F
J
G
E
terminal
F
C
H
Recommended
Land Pattern
Terminal wraparound:
approx 0.01/0,25 both ends
I
I
D
Note: Height dimension (C) is before optional solder application.For maximum
height dimension including solder, add 0.006 in / 0,152 mm.




Html Pages

1  2 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl