Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SI7703EDN Datasheet(PDF) 2 Page - Vishay Siliconix

No. de Pieza. SI7703EDN
Descripción  Single P-Channel 20-V (D-S) MOSFET With Schottky Diode
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SI7703EDN Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Vishay Siliconix
SPICE Device Model Si7703EDN
www.vishay.com
Document Number: 71010
S-60542
Rev. B, 10-Apr-06
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −0.8 mA
0.80
V
On-State Drain Current
a
ID(on)
VDS ≤ −5 V, VGS = −4.5 V
80
A
VGS = −4.5 V, ID = −6.3 A
0.040
0.041
VGS = −2.5 V, ID = −5.3 A
0.055
0.057
Drain-Source On-State Resistance
a
rDS(on)
VGS = −1.8 V, ID = −1 A
0.075
0.072
Forward Transconductance
a
gfs
VDS = −10 V, ID = −6.3 A
16
14
S
Diode Forward Voltage
a
VSD
IS = −2.3 A, VGS = 0 V
−0.80
−0.80
V
Dynamic
b
Total Gate Charge
Qg
12
12
Gate-Source Charge
Qgs
2.5
2.5
Gate-Drain Charge
Qgd
VDS = −10 V, VGS = −4.5 V, ID = −6.3 A
2.9
2.9
nC
Turn-On Delay Time
td(on)
4
2.5
Rise Time
tr
8
4
Turn-Off Delay Time
td(off)
9
15
Fall Time
tf
VDD = −10, RL = 10 Ω
ID ≅ −1 A, VGEN = −4.5 V, RG = 6 Ω
19
12
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn