Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N7008-GPO14 Datasheet(PDF) 2 Page - Supertex, Inc

No. de Pieza. 2N7008-GPO14
Descripción  N-Channel Enhancement-Mode Vertical DMOS FETs
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SUTEX [Supertex, Inc]
Página de inicio  http://www.supertex.com
Logo 

2N7008-GPO14 Datasheet(HTML) 2 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
2N7008
Supertex inc.
www.supertex.com
Doc.# DSFP-2N7008
C062813
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
60
-
-
V
V
GS = 0V, ID = -10µA
V
GS(th)
Gate threshold voltage
1.0
-
2.5
V
V
GS = VDS, ID = 250µA
I
GSS
Gate body leakage current
-
-
100
nA
V
GS = ±30V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
1.0
µA
V
GS = 0V, VDS = 50V
-
-
500
V
GS = 0V, VDS = 50V,
T
A = 125
O
C
I
D(ON)
On-state drain current
500
-
-
mA
V
GS = 10V, VDS ≥ 2.0VDS(ON)
R
DS(ON)
Static drain-to-source
on-state resistance
-
-
7.5
Ω
V
GS = 5.0V, ID = 50mA
-
-
7.5
V
GS = 10V, ID = 500mA
G
FS
Forward transconductance
80
-
-
mmho V
DS = 10V, ID = 200mA
C
ISS
Input capacitance
-
-
50
pF
V
GS = 0V, VDS = 25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
-
25
C
RSS
Reverse transfer capacitance
-
-
5.0
t
(ON)
Turn-on time
-
-
20
ns
V
DD = 30V, ID = 200mA,
R
GEN = 25Ω
t
(OFF)
Turn-off time
-
-
20
V
SD
Diode forward voltage drop
-
-
1.5
V
V
GS = 0V, ISD = 150mA
Notes:
1.
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
Thermal Characteristics
Package
I
D
(continuous)
I
D
(pulsed)
Power Dissipation
@T
C = 25
O
C
I
DR
I
DRM
TO-92
230mA
1.3A
1.0W
230mA
1.3A
Note:
† I
D (continuous) is limited by max rated Tj.
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
r
INPUT
INPUT
OUTPUT
10V
VDD
R
GEN
0V
0V
t
f


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn