Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4060 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
CD74HC4060 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 15 page 8 Typical Performance Curves NOTE: Outputs should be switching from 10% VCC to 90% VCC in accordance with device truth table. For fMAX, input duty cycle = 50%. FIGURE 3. HC CLOCK PULSE RISE AND FALL TIMES AND PULSE WIDTH NOTE: Outputs should be switching from 10% VCC to 90% VCC in accordance with device truth table. For fMAX, input duty cycle = 50%. FIGURE 4. HCT CLOCK PULSE RISE AND FALL TIMES AND PULSE WIDTH FIGURE 5. HC AND HCT TRANSITION TIMES AND PROPAGA- TION DELAY TIMES, COMBINATION LOGIC FIGURE 6. HCT TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC CLOCK 90% 50% 10% GND VCC trCL tfCL 50% 50% tWL tWH 10% tWL + tWH = fCL I CLOCK 2.7V 1.3V 0.3V GND 3V trCL = 6ns tfCL = 6ns 1.3V 1.3V tWL tWH 0.3V tWL + tWH = fCL I tPHL tPLH tTHL tTLH 90% 50% 10% 50% 10% INVERTING OUTPUT INPUT GND VCC tr = 6ns tf = 6ns 90% tPHL tPLH tTHL tTLH 2.7V 1.3V 0.3V 1.3V 10% INVERTING OUTPUT INPUT GND 3V tr = 6ns tf = 6ns 90% CD54/74HC4060, CD54/74HCT4060 |
Número de pieza similar - CD74HC4060 |
|
Descripción similar - CD74HC4060 |