Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP8555 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LP8555
Descripción Electrónicos  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 46Page - Texas Instruments LP8555 Datasheet HTML 47Page - Texas Instruments LP8555 Datasheet HTML 48Page - Texas Instruments LP8555 Datasheet HTML 49Page - Texas Instruments LP8555 Datasheet HTML 50Page - Texas Instruments LP8555 Datasheet HTML 51Page - Texas Instruments LP8555 Datasheet HTML 52Page - Texas Instruments LP8555 Datasheet HTML 53Page - Texas Instruments LP8555 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
LP8555
SNVS857 – FEBRUARY 2014
www.ti.com
9.2.1.4.5
Boost Input Capacitor
A ceramic capacitor with at least 10-V voltage rating is recommended for the boost input capacitor. If input
voltage is higher, then the rating should be selected accordingly. The DC-bias effect can reduce the effective
capacitance by up to 80%, which needs to be considered in capacitance value selection. Typically, a 10-
μF
capacitor per boost is sufficient. X5R/X7R are recommended types.
9.2.1.4.6
Diode
A Schottky diode should be used for the output diode. Peak repetitive current should be greater than inductor
peak current (3.1 A) to ensure reliable operation. Average current rating should be greater than the maximum
output current. Schottky diodes with a low forward drop and fast switching speeds are ideal for increasing
efficiency in portable applications. Choose a reverse breakdown voltage of the Schottky diode significantly larger
(~40 V) than the output voltage. Do not use ordinary rectifier diodes, since slow switching speeds and long
recovery times cause the efficiency and the load regulation to suffer.
9.2.1.5 Application Performance Plots
Typical performance plots with default EPROM configuration. The LP8555EVM was used for taking the
oscilloscope plots.
VDD = 3.7V
ILED = 25 mA
12 x 7 LEDs
VDD = 3.7V
VBOOST = 28V
Load = 150 mA
Figure 45. Start-up Waveform with I2C Write
Figure 46. Typical Boost Waveform, Boost A
Full Brightness Slope Function Disabled.
VDD = 3.7V
fSW = 1 MHz
ƒPWM = 19.5 kHz
6 Strings
Figure 47. 180° Phase Difference Between Boost A and B
Figure 48. Typical LED Current and Voltage Waveforms.
50
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8555


Número de pieza similar - LP8555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8550TLE/NOPB TI1-LP8550TLE/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8550TLX-A/NOPB TI1-LP8550TLX-A/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8550TLX/NOPB TI1-LP8550TLX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550_14 Datasheet
1Mb / 49P
[Old version datasheet]   LP8550 High-Efficiency LED Backlight Driver for Notebooks
More results

Descripción similar - LP8555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
[Old version datasheet]   High-Efficiency LED Backlight Driver For Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com