Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2702 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza UC2702
Descripción Electrónicos  Quad PWM Relay Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC2702 Datasheet(HTML) 3 Page - Texas Instruments

  UC2702 Datasheet HTML 1Page - Texas Instruments UC2702 Datasheet HTML 2Page - Texas Instruments UC2702 Datasheet HTML 3Page - Texas Instruments UC2702 Datasheet HTML 4Page - Texas Instruments UC2702 Datasheet HTML 5Page - Texas Instruments UC2702 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
UC1702
UC2702
UC3702
CT: A capacitor from the CT pin to ground sets the oscil-
lator center frequency. Note that the oscillator period
must be least an order of magnitude less than the relax-
ation time constant (L/R) of the relay coil. However, a
needlessly high operating frequency only increases
power dissipation. For best accuracy, CT should be
220pF or greater.
GND: Both ground pins must be connected to a low
noise system ground.
INA, INB, INC, IND: Separate digital control inputs for
each of the four relay drivers. An active high input (a
logic high) turns on the respective relay. Active low dis-
ables the common-emitter drive transistor.
OUTA, OUTB, OUTC, OUTD: Each of these output pins
can be connected to the low side of one relay coil. The
rated relay coil voltage of all relays to be driven by a sin-
gle UC3702 must be the same. (It is permissible to use
coils with different rated series resistances with a single
UC3702, so long as the rated coil voltages are the same
and care is taken with respect to the relaxation times of
the different relay coils). Output transients are slew rate
limited to decrease electro-magnetic radiation.
R1: User selected external resistor must be placed from
the R1 pin to the VBUS voltage supply. Sensing the
VBUS amplitude, the oscillator varies its ON duty cycle
such that the average voltage across the driver coil is
constant.
R2: User selected external resistor must placed from R2
pin to GND. This resistor, in conjunction with the external
timing capacitor, CT, sets the OFF cycle time of the oscil-
lator. For best accuracy, use 42.3k
Ω for R2.
RESET: Digital reset pin is active low. When RESET is
low, the oscillator stops running and all drivers are open
collector.
VCC: Nominally 5V. In addition to supplying the voltage
for the driver logic and oscillator circuit, the VCC supply
is used as reference for the generating the average relay
voltage. It is recommended that the VCC be regulated to
±5% of its nominal value or better to insure good regula-
tion. Good decoupling with a minimum of 1
µF is neces-
sary.
VBUS: This pin should be tied to a low impedance volt-
age source at some voltage higher than the rated voltage
of the relay coil to be driven. VBUS may even be a
poorly filtered rectified sin wave, as the UC3702 will reg-
ulate the correct duty cycle. Good decoupling with a min-
imum of 1
µF is necessary.
PIN DESCRIPTIONS
The UC3702 must be programmed for a specific relay
voltage. The table given below has some suggested val-
ues of R1, R2, and CT. The VCC supply voltage is as-
sumed to be 5V.
More generally, the following equation can be used to
determine the equivalent average relay voltage:
V
VCC R
R
mV
RELAY =
••
106
1
22
400
.
Industrial Relays
The UC3702 takes advantage of the inductance of the
relay coil to regulate a constant coil current in a manner
very similar to a switch-mode power supply. To use the
UC3702 correctly, the coil characteristics must be
known. The rated relay voltage is what the relay manu-
facturers specify as voltage to drive the relay coil with if
the coil were driven from a dc source. Most manufactur-
ers also specify the series resistance of the coil. This is
the resistance of the copper wire and determines the
steady state coil ON current. For example, a 12V relay
with a 320
series coil resistance with a draw of 37.5mA
of constant current. The relay inductance is not typically
specified in the manufacturer’s short-form datasheet, so
the engineer will need an LCR bridge to measure it or re-
quest the information from the relay manufacturer.
APPLICATIONS INFORMATION
Rated Relay
Voltage
R1
R2
CT
9V
153k
43.2k
220pF
12V
203k
43.2k
220pF
24V
398k
43.2k
220pF


Número de pieza similar - UC2702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2702 TI-UC2702 Datasheet
162Kb / 4P
[Old version datasheet]   Quad PWM Relay Driver
More results

Descripción similar - UC2702

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1702 TI-UC1702 Datasheet
162Kb / 4P
[Old version datasheet]   Quad PWM Relay Driver
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
logo
LinkCom Manufacturing C...
DAL000N802PON0-00G LINKCOM-DAL000N802PON0-00G Datasheet
193Kb / 2P
   DALI PWM Relay Driver
logo
IC-Haus GmbH
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE Datasheet
497Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100 Datasheet
453Kb / 11P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com