Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UC2854BDW Datasheet(PDF) 7 Page - Texas Instruments |
|
|
UC2854BDW Datasheet(HTML) 7 Page - Texas Instruments |
7 / 18 page www.ti.com UC1854A UC2854A, UC2854B UC3854A, UC3854B SLUS329E – MONTH 2003 – REVISED JANUARY 2008 TERMINAL FUNCTIONS TERMINAL PACKAGES I/O DESCRIPTION NAME J/N/DW Q/L Output of the wide bandwidth current amplifier and one of the inputs to the PWM duty-cycle CAO 3 4 O comparator. The output signal generated by this amplifier commands the PWM to force the correct input current. The output can swing from 0.1 V to 7.5 V. CT 14 18 I Capacitor from CT to GND sets the PWM oscillator frequency. A nominal voltage above 2.65 V on this pin allows the device to begin operating. Once operating, ENA 10 13 I the device shuts off if this pin goes below 2.15 V nominal. All bypass and timing capacitors connected to GND should have leads as short and direct as GND 1 2 – possible. All voltages are measured with respect GND. Output of the PWM is a 1.5-A peak totem-pole MOSFET gate driver on GTDRV. Use a series gate resistor of at least 5 Ω to prevent interaction between the gate impedance and the GTDRV output GTDRV 16 20 O driver that might cause the GTDRV output to overshoot excessively. Some overshoot of the GTDRV output is always expected when driving a capacitive load. Current input to the multiplier, proportional to the instantaneous line voltage. This input to the analog multiplier is a current. The multiplier is tailored for very low distortion from this current input IAC 6 8 I (IAC) to MOUT, so this is the only multiplier input that should be used for sensing instantaneous line voltage. Switch current sensing input. This is the inverting input to the current amplifier. This input and the ISENSE 4 5 I non-inverting input MOUT remain functional down to and below GND. Care should be taken to avoid taking these inputs below –0.5 V, because they are protected with diodes to GND. Multiplier output and current sense plus. The output of the analog multiplier and the non-inverting input of the current amplifier are connected together at MOUT. The cautions about taking ISENSE MOUT 5 7 I/O below –0.5 V also apply to MOUT. As the multiplier output is a current, this is a high-impedance input similar to ISENSE, so the current amplifier can be configured as a differential amplifier to reject GND noise. IMOUT ≤ 2 × IAC Peak limit. The threshold for PKLMT is 0.0 V. Connect this input to the negative voltage on the PKLMT 2 3 I current sense resistor. Use a resistor to REF to offset the negative current sense signal up to GND. Oscillator charging current and multiplier limit set. A resistor from RSET to ground programs RSET 12 15 I oscillator charging current. Soft-start. SS remains at GND as long as the device is disabled or VCC is too low. SS pulls up to over 3 V by an internal 14- µA current source when both V CC becomes valid and the device is enabled. SS acts as the reference input to the voltage amplifier if SS is below VREF. With a large SS 13 17 I capacitor from SS to GND, the reference to the voltage regulating amplifier rises slowly, and increase the PWM duty cycle slowly. In the event of a disable command or a supply dropout, SS will quickly discharge to ground and disable the PWM. VAO 7 9 I Voltage amplifier output VCC 15 19 I Positive supply rail Used to set the peak limit point and as an internal reference for various device functions. This VREF 9 12 O voltage must be present for the device to operate. One of the inputs into the multiplier. This pin provides the input RMS voltage to the multiplier VRMS 8 10 I circuitry. This pin provides the feedback from the output. This input goes into the voltage error amplifier and VSENSE 11 14 I the output of the error amplifier is another of the inputs into the multiplier circuit. Copyright © 2003–2008, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B |
Número de pieza similar - UC2854BDW |
|
Descripción similar - UC2854BDW |