Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA2HV Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TDA2HV
Descripción Electrónicos  ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
Download  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2HV Datasheet(HTML) 3 Page - Texas Instruments

  TDA2HV Datasheet HTML 1Page - Texas Instruments TDA2HV Datasheet HTML 2Page - Texas Instruments TDA2HV Datasheet HTML 3Page - Texas Instruments TDA2HV Datasheet HTML 4Page - Texas Instruments TDA2HV Datasheet HTML 5Page - Texas Instruments TDA2HV Datasheet HTML 6Page - Texas Instruments TDA2HV Datasheet HTML 7Page - Texas Instruments TDA2HV Datasheet HTML 8Page - Texas Instruments TDA2HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 426 page
background image
High-Speed Interconnect
Program/Data Storage
Connectivity
Display Subsystem
System
(2x ARM
Cortex–A15)
IVA HD
1080p Video
Co-Processor
DSP
(2x C66x
Co-Processors)
PCIe SS x2
GMAC AVB
Up to 2.5 MB
RAM w/ ECC
(NAND/NOR/
Async)
(SGX544 3D)
4x EVE Analytic Processors
(Dual Cortex–M4)
GPMC / ELM
256KB ROM
OCMC
TDA2x Superset
GPU
MPU
IPU 1
Serial Interfaces
I2C x5
UART x10
McSPI x4
DCAN x2
Spinlock
Mailbox x13
GPIO x8
Timers x16
WDT
QSPI
LCD1
Overlay
1x GFX Pipeline
3x Video Pipelines
HDMI 1.4a
EMIF x2
2x 32b
DDR2/3 w/ ECC
(1)
EDMA
DMM
McASP x8
Vision AccelerationPac
JTAG
PLLs
OSC
VPE
2x MMU
VIP1
VIP2
VIP3
BB2D
(GC320 2D)
RTC SS
PWM SS x3
SDMA
MMC / SD x4
SATA
1x USB 3.0
Dual Role FS/HS/SS
w/ PHYs
3x USB 2.0
Dual Role FS/HS
2x w/ ULPI
1x w/ PHY
intro-001
LCD2
LCD3
(Dual Cortex–M4)
IPU 2
3
TDA2SX, TDA2SG
TDA2HG, TDA2HV, TDA2LF
www.ti.com
SPRS951A – DECEMBER 2015 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2HG TDA2HV TDA2LF
Device Overview
Copyright © 2015–2016, Texas Instruments Incorporated
Figure 1-1. TDA2x Block Diagram
(1) ECC is only available on EMIF1.


Número de pieza similar - TDA2HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TDA2HV TI1-TDA2HV Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2HVABC TI1-TDA2HVABC Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2HVBDQABCRQ1 TI1-TDA2HVBDQABCRQ1 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2HVBRQABCQ1 TI1-TDA2HVBRQABCQ1 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2HVBRQABCRQ1 TI1-TDA2HVBRQABCRQ1 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results

Descripción similar - TDA2HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 457P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
[Old version datasheet]   TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2P-ABZ TI1-TDA2P-ABZ_19 Datasheet
5Mb / 464P
[Old version datasheet]   Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com