Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC285-1 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza UC285-1
Descripción Electrónicos  FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC285-1 Datasheet(HTML) 3 Page - Texas Instruments

  UC285-1 Datasheet HTML 1Page - Texas Instruments UC285-1 Datasheet HTML 2Page - Texas Instruments UC285-1 Datasheet HTML 3Page - Texas Instruments UC285-1 Datasheet HTML 4Page - Texas Instruments UC285-1 Datasheet HTML 5Page - Texas Instruments UC285-1 Datasheet HTML 6Page - Texas Instruments UC285-1 Datasheet HTML 7Page - Texas Instruments UC285-1 Datasheet HTML 8Page - Texas Instruments UC285-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
UC2851, UC2852, UC2853, UC285ADJ, UC3851, UC3852, UC3853, UC385ADJ
FAST TRANSIENT RESPONSE 5A
LOW DROPOUT REGULATOR
SLUS212F − NOVEMBER 1999 − REVISED MAY 2009
3
www.ti.com
electrical characteristics unless otherwise stated, these parameters apply for TA = −40°C to 100°C
for the UC285-x series and 0
°C to 100°C for the UC385-x, VB = 5 V; VIN = 3.3 V, VOUT = 2.5 V, TA = TJ.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
UC385−2 Fixed 2.1 V, 5-A Family (continued)
VIN dropout voltage (VIN - VOUT)
IVOUT = 5 A,
TJ = 25°C
350
425
mV
VIN dropout voltage (VIN - VOUT)
UC385-2
IVOUT = 5 A
350
490
mV
UC285-2
IVOUT = 5 A
350
500
mV
VB dropout (VB - VOUT)
UC385-2
IVOUT = 5 A
1.8
2.1
V
VB dropout (VB - VOUT)
UC285-2
IVOUT = 5 A
1.8
2.2
V
Short circuit current limit
5.1
7.5
A
VB current
IVOUT = 10 mA
8
15
mA
VB current
IVOUT = 5 A
40
100
mA
VIN current
IVOUT = 5 A
4.9
4.96
A
UC385−1 Fixed 1.5 V, 5-A Family
Output voltage
UC385-1
IVOUT = 100 mA
1.485
1.5
1.515
V
Output voltage
UC285-1
IVOUT = 100 mA
1.470
1.5
1.515
V
Load regulation
IVOUT = 10 mA to 5 A
0.5
4
mV
VIN PSRR
80
110
dB
VB PSRR
50
65
dB
VIN dropout voltage (VIN - VOUT)
IVOUT = 5 A,
TJ = 25°C
350
425
mV
VIN dropout voltage (VIN - VOUT)
UC285-1
IVOUT 5 A
350
490
mV
UC285-2
IVOUT = 5 A
350
500
mV
VB dropout (VB - VOUT)
UC385-1
IVOUT = 5 A
1.8
2.1
V
VB dropout (VB - VOUT)
UC285-1
IVOUT = 5 A
1.8
2.2
V
Short circuit current limit
5.1
7.5
A
VB current
IVOUT = 10 mA
8
15
mA
VB current
IVOUT = 5 A
40
100
mA
VIN = current
IVOUT = 5 A
4.9
4.96
A
UC385-ADJ Adjustable, 5-A Family
ADJ voltage
UC385-ADJ
IVOUT - 100 mA
1.188
1.2
1.212
V
ADJ voltage
UC285-ADJ
IVOUT - 100 mA
1.176
1.2
1.212
V
Load regulation
IVOUT = 10 mA to 5 A
0.5
4
mV
VIN PSRR
VOUT programmed for 2.5 V
80
110
dB
VB PSRR VOUT
Programmed for 2.5 V
50
65
dB
VIN dropout voltage (VIN - VOUT)
IVOUT = 5 A,
TJ = 25°C
350
425
mV
VIN dropout voltage (VIN - VOUT)
UC385-ADJ
IVOUT = 5 A
350
490
mV
UC285-ADJ
IVOUT = 5 A
350
500
mV
VB dropout (VB - VOUT)
UC385-ADJ
IVOUT = 5 A
1.8
2.1
V
VB dropout (VB - VOUT)
UC285-ADJ
IVOUT = 5 A
1.8
2.2
V
Short circuit current limit
5.1
7.5
A
VB current
IVOUT = 10 mA
8
15
mA
VB current
IVOUT = 5 A
40
100
mA
VIN current
IVOUT = 5 A
4.9
4.96
A


Número de pieza similar - UC285-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC285-1 TI-UC285-1 Datasheet
265Kb / 13P
[Old version datasheet]   FAST TRANSIENT REPONSE 5-A LOW-DROPOUT REGULATOR
More results

Descripción similar - UC285-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
   Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com