Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1905DL Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI1905DL
Descripción Electrónicos  Dual P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1905DL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1905DL Datasheet HTML 1Page - Vishay Siliconix SI1905DL Datasheet HTML 2Page - Vishay Siliconix SI1905DL Datasheet HTML 3Page - Vishay Siliconix SI1905DL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si1905DL
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 71082
S-99188—Rev. A, 01-Nov-99
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –6.4 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –6.4 V, VGS = 0 V, TJ = 85_C
–5
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
–1.0
A
DiS
OS
R
i
a
VGS = –4.5 V, ID = –0.57 A
0.51
0.600
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –0.48 A
0.720
0.850
W
VGS = –1.8 V, ID = –0.20 A
1.0
1.200
Forward Transconductancea
gfs
VDS = –10 V, ID = –0.57 A
1.2
S
Diode Forward Voltagea
VSD
IS = –0.23 A, VGS = 0 V
–0.8
–1.2
V
Dynamicb
Total Gate Charge
Qg
V
4 V V
45 V I
057 A
1.5
2.3
C
Gate-Source Charge
Qgs
VDS = –4 V, VGS = –4.5 V, ID = –0.57 A
0.17
nC
Gate-Drain Charge
Qgd
0.16
Turn-On Delay Time
td(on)
V4 V R
8
W
6
12
Rise Time
tr
VDD = –4 V, RL = 8 W
I0 5 A V
4 5 V R
6
W
25
50
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ –0.5 A, VGEN = –4.5 V, RG = 6 W
10
20
ns
Fall Time
tf
10
20
Source-Drain Reverse Recovery Time
trr
IF = –0.23 A, di/dt = 100 A/ms
20
40
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
0.2
0.4
0.6
0.8
1.0
0
0.5
1.0
1.5
2.0
2.5
0
0.2
0.4
0.6
0.8
1.0
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 2.5 V
TC = –55_C
125
_C
2 V
25
_C
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
1.5 V
1 V


Número de pieza similar - SI1905DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1905DL VISHAY-SI1905DL Datasheet
100Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
18-Jul-08
SI1905DL VISHAY-SI1905DL_V01 Datasheet
100Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
18-Jul-08
More results

Descripción similar - SI1905DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com