Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD250-1L Datasheet(PDF) 2 Page - Coilcraft lnc.

No. de Pieza. SD250-1L
Descripción  Base/Gate Driver Transformers
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo 

SD250-1L Datasheet(HTML) 2 Page - Coilcraft lnc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Custom Version Specifications
Document 130-2
In addition to the standard base/gate driver transformers shown here, Coilcraft can provide custom versions to meet
your specifications.
Our two basic structures are the 0.95
″ high part shown and a 1.20″ high version. Both are available with either single
or double sections.
36
34
32
30
28
26
24
22
20
18
16
14
12
10
20
50
100
Nl (turns/layer)
NP (turns)
* Applies to both 0.95 and 1.20 high bobbins.
²²
* Applies to both double and single section bobbins.
Doub
le section
bob
bins
Turns Per Layer vs Wire Size*
Volt-Time vs PrimaryTurns*
3000
2500
2000
1500
1000
500
20
40
60
80
100
120
140
160
0.95
high
bob
bins
²
Please use the information below to determine the performance characteristics available.
Core
0.95
″ high bobbins
1.20
″ high bobbins
Initial permeability
2000µ
2000µ
A
e (core cross-sectional area)
0.40 cm2
0.80 cm2
l
e (mean magnetic path length)
4.90 cm
4.80 cm
Bobbin
Material
UL94V-0, 130°C
Number of terminals available
10
10
Number of wiring sections available
1 or 2
1 or 2
Document 130-2 Revised 04/20/12


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn