Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP007AIYZFT Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TMP007AIYZFT
Descripción Electrónicos  Infrared Thermopile Sensor with Integrated Math Engine
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP007AIYZFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP007AIYZFT Datasheet HTML 3Page - Texas Instruments TMP007AIYZFT Datasheet HTML 4Page - Texas Instruments TMP007AIYZFT Datasheet HTML 5Page - Texas Instruments TMP007AIYZFT Datasheet HTML 6Page - Texas Instruments TMP007AIYZFT Datasheet HTML 7Page - Texas Instruments TMP007AIYZFT Datasheet HTML 8Page - Texas Instruments TMP007AIYZFT Datasheet HTML 9Page - Texas Instruments TMP007AIYZFT Datasheet HTML 10Page - Texas Instruments TMP007AIYZFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
0
10
20
30
40
50
60
70
0
20
40
60
80
Object Temperature (
ƒC)
60°C
40°C
20°C
0°C
C010
0
20
40
60
80
100
120
0
20
40
60
80
Object Temperature (
ƒC)
0°C
20°C
40°C
C011
±400
±300
±200
±100
0
100
200
300
400
±40
±20
0
20
40
IR Power (µW)
60°C
40°C
20°C
0°C
C007
Responsivity - 9 V/W
0
200
400
600
800
±20
0
20
40
60
80
100
Object Temperature (
ƒC)
60°C
40°C
20°C
0°C
C008
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4.0
8.0
12.0
16.0
Wavelength (µm)
C005
20
30
40
50
60
70
80
90
100
110
±90 ±75 ±60 ±45 ±30 ±15
0
15
30
45
60
75
90
Angle (
ƒ)
C001
Field of View
7
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
Product Folder Links: TMP007
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
6.6 Typical Characteristics
at TDIE = 25°C, and V+ = +3.3 V (unless otherwise noted)
Figure 1. Relative Spectral Response vs Wavelength
Figure 2. Responsivity vs Angle
NOTE: The responsivity is the slope of the lines.
Figure 3. Sensor Voltage vs IR Power Over TDIE
Figure 4. Sensor Noise vs TOBJ and TDIE
Figure 5. NEP vs TOBJ and TDIE
Figure 6. NETD for Reference System at F/1 Over TDIE


Número de pieza similar - TMP007AIYZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
More results

Descripción similar - TMP007AIYZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
List of Unclassifed Man...
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com