Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62305DRC Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS62305DRC
Descripción Electrónicos  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62305DRC Datasheet(HTML) 2 Page - Texas Instruments

  TPS62305DRC Datasheet HTML 1Page - Texas Instruments TPS62305DRC Datasheet HTML 2Page - Texas Instruments TPS62305DRC Datasheet HTML 3Page - Texas Instruments TPS62305DRC Datasheet HTML 4Page - Texas Instruments TPS62305DRC Datasheet HTML 5Page - Texas Instruments TPS62305DRC Datasheet HTML 6Page - Texas Instruments TPS62305DRC Datasheet HTML 7Page - Texas Instruments TPS62305DRC Datasheet HTML 8Page - Texas Instruments TPS62305DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPS62300, TPS62301, TPS62302
TPS62303, TPS62305, TPS62311
TPS62313, TPS62320, TPS62321
SLVS528B – JULY 2004 – REVISED JUNE 2005
ORDERING INFORMATION
PART
OUTPUT
UNDERVOLTAGE
PACKAGE
TA
PACKAGE
ORDERING(1)(2)
NUMBER
VOLTAGE
LOCKOUT
MARKING
2.4 V
QFN-10
TPS62300DRC
AMN
TPS62300
Adjustable
2.4 V
CSP-8 (lead-free)
TPS62300YZD
N/A
2.4 V
QFN-10
TPS62301DRC
AMO
TPS62301
1.5 V
2.4 V
CSP-8 (lead-free)
TPS62301YZD
N/A
2.4 V
QFN-10
TPS62302DRC
AMQ
TPS62302
1.6 V
2.4 V
CSP-8 (lead-free)
TPS62302YZD
N/A
2.4 V
QFN-10
TPS62303DRC
AMR
TPS62303
1.8 V
2.4 V
CSP-8 (lead-free)
TPS62303YZD
N/A
2.4 V
QFN-10
TPS62305DRC
ANU
-40
°C to 85°C
TPS62305
1.875 V
2.4 V
CSP-8 (lead-free)
TPS62305YZD
N/A
TPS62311
1.5 V
2 V
CSP-8 (lead-free)
TPS62311YZD
N/A
TPS62313
1.8 V
2 V
CSP-8 (lead-free)
TPS62313YZD
N/A
2.4 V
QFN-10
TPS62320DRC
AMX
TPS62320
Adjustable
2.4 V
CSP-8 (lead-free)
TPS62320YZD
N/A
2.4 V
CSP-8
TPS62320YED
N/A
2.4 V
QFN-10
TPS62321DRC
AMY
TPS62321
1.5 V
2.4 V
CSP-8 (lead-free)
TPS62321YZD
N/A
2.4 V
CSP-8
TPS62321YED
N/A
(1)
The YZD and YED packages are available in tape and reel. Add a R suffix (TPS62300YxDR) to order quantities of 3000 parts. Add a T
suffix (TPS62300YxDT) to order quantities of 250 parts. The DRC package is available in tape and reel. Add a R suffix
(TPS62300DRCR) to order quantities of 3000 parts.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Voltage at VIN, AVIN(2)
-0.3 V to 7 V
Voltage at SW (2)
-0.3 V to 7 V
VI
Voltage at FB, ADJ
-0.3V to 3.6 V
Voltage at EN, MODE/SYNC (2)
-0.3 V to VI + 0.3 V
Voltage at VOUT(2)
0.3 V to 5.4 V
IO
Continuous output current
500 mA
Power dissipation
Internally limited
TA
Operating temperature range
-40
°C to 85°C
TJ (max) Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
2


Número de pieza similar - TPS62305DRC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62305DRC TI-TPS62305DRC Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62305DRCR TI-TPS62305DRCR Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62305DRCRG4 TI-TPS62305DRCRG4 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Descripción similar - TPS62305DRC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com